Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 7Page - Infineon Technologies AG C167CS Datasheet HTML 8Page - Infineon Technologies AG C167CS Datasheet HTML 9Page - Infineon Technologies AG C167CS Datasheet HTML 10Page - Infineon Technologies AG C167CS Datasheet HTML 11Page - Infineon Technologies AG C167CS Datasheet HTML 12Page - Infineon Technologies AG C167CS Datasheet HTML 13Page - Infineon Technologies AG C167CS Datasheet HTML 14Page - Infineon Technologies AG C167CS Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 517 page
background image
C167CS
Derivatives
Introduction
User’s Manual
1-1
V2.0, 2000-07
1
Introduction
The rapidly growing area of embedded control applications is representing one of the
most time-critical operating environments for today’s microcontrollers. Complex control
algorithms have to be processed based on a large number of digital as well as analog
input signals, and the appropriate output signals must be generated within a defined
maximum response time. Embedded control applications also are often sensitive to
board space, power consumption, and overall system cost.
Embedded control applications therefore require microcontrollers, which:
• offer a high level of system integration
• eliminate the need for additional peripheral devices and the associated software overhead
• provide system security and fail-safe mechanisms
• provide effective means to control (and reduce) the device’s power consumption.
With the increasing complexity of embedded control applications, a significant increase
in CPU performance and peripheral functionality over conventional 8-bit controllers is
required from microcontrollers for high-end embedded control systems. In order to
achieve this high performance goal Infineon has decided to develop its family of 16-bit
CMOS microcontrollers without the constraints of backward compatibility.
Of course the architecture of the 16-bit microcontroller family pursues successful
hardware and software concepts, which have been established in Infineon’s popular
8-bit controller families.
About this Manual
This manual describes the functionality of a number of 16-bit microcontrollers of the
Infineon C166 Family, the C167-class.
As these microcontrollers provide a great extent of identical functionality it makes sense
to describe a superset of the provided features. For this reason some sections of this
manual do not refer to all the C167 derivatives that are offered (e.g. devices without on-
chip program memory). These sections contain respective notes wherever possible.
The descriptions in this manual refer to the following derivatives of the C167-class:
• C167CS-4RM
Version with 32 KByte ROM
• C167CS-LM
Version without on-chip program memory
This manual is valid for the versions with on-chip ROM of the mentioned derivatives as
well as for the ROMless versions. Of course it refers to all devices of the different
available temperature ranges and packages.
For simplicity all these various versions are referred to by the term C167CS throughout
this manual. The complete pro-electron conforming designations are listed in the
respective data sheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com