Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 93Page - Infineon Technologies AG C167CS Datasheet HTML 94Page - Infineon Technologies AG C167CS Datasheet HTML 95Page - Infineon Technologies AG C167CS Datasheet HTML 96Page - Infineon Technologies AG C167CS Datasheet HTML 97Page - Infineon Technologies AG C167CS Datasheet HTML 98Page - Infineon Technologies AG C167CS Datasheet HTML 99Page - Infineon Technologies AG C167CS Datasheet HTML 100Page - Infineon Technologies AG C167CS Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-14
V2.0, 2000-07
Continuous transfers are selected by the value FFH in bit field COUNT. In this case
COUNT is not modified and the respective PEC channel services any request until it is
disabled again.
When COUNT is decremented from 01H to 00H after a transfer, the request flag is not
cleared, which generates another request from the same source. When COUNT already
contains the value 00H, the respective PEC channel remains idle and the associated
interrupt service routine is activated instead. This allows to choose, if a level 15 or 14
request is to be serviced by the PEC or by the interrupt service routine.
Note: PEC transfers are only executed, if their priority level is higher than the CPU level,
i.e. only PEC channels 7 … 4 are processed, while the CPU executes on level 14.
All interrupt request sources that are enabled and programmed for PEC service
should use different channels. Otherwise only one transfer will be performed for
all simultaneous requests. When COUNT is decremented to 00H, and the CPU is
to be interrupted, an incorrect interrupt vector will be generated.
The source and destination pointers specifiy the locations between which the data is
to be moved. A pair of pointers (SRCPx and DSTPx) is associated with each of the 8
PEC channels. These pointers do not reside in specific SFRs, but are mapped into the
internal RAM of the C167CS just below the bit-addressable area (see Figure 5-2).
Figure 5-2
Mapping of PEC Pointers into the Internal RAM
MCA04331
DSTP7
SRCP7
DSTP6
SRCP6
DSTP5
SRCP5
DSTP4
SRCP4
00’FCFE
H
00’FCFC
H
00’FCFA
H
00’FCF8
H
00’FCF6
H
00’FCF4
H
00’FCF2
H
00’FCF0
H
DSTP3
SRCP3
DSTP2
SRCP2
DSTP1
SRCP1
DSTP0
SRCP0
00’FCEE
H
00’FCEC
H
00’FCEA
H
00’FCE8
H
00’FCE6
H
00’FCE4
H
00’FCE2
H
00’FCE0
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com