Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 44Page - Infineon Technologies AG C167CS Datasheet HTML 45Page - Infineon Technologies AG C167CS Datasheet HTML 46Page - Infineon Technologies AG C167CS Datasheet HTML 47Page - Infineon Technologies AG C167CS Datasheet HTML 48Page - Infineon Technologies AG C167CS Datasheet HTML 49Page - Infineon Technologies AG C167CS Datasheet HTML 50Page - Infineon Technologies AG C167CS Datasheet HTML 51Page - Infineon Technologies AG C167CS Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 517 page
background image
C167CS
Derivatives
Memory Organization
User’s Manual
3-11
V2.0, 2000-07
3.4
External Memory Space
The C167CS is capable of using an address space of up to 16 MByte. Only parts of this
address space are occupied by internal memory areas. All addresses which are not used
for on-chip memory (ROM/Flash/OTP or RAM) or for registers may reference external
memory locations. This external memory is accessed via the C167CS’s external bus
interface.
Four memory bank sizes are supported:
• Non-segmented mode: 64 KByte
with A15 … A0 on PORT0 or PORT1
• 2-bit segmented mode: 256 KByte with A17 … A16 on Port 4
and A15 … A0 on PORT0 or PORT1
• 4-bit segmented mode: 1 MByte
with A19 … A16 on Port 4
and A15 … A0 on PORT0 or PORT1
• 8-bit segmented mode: 16 MByte with A22 … A16 on Port 4
and A15 … A0 on PORT0 or PORT1
Each bank can be directly addressed via the address bus, while the programmable chip
select signals can be used to select various memory banks.
The C167CS also supports four different bus types:
• Multiplexed 16-bit Bus
with address and data on PORT0 (Default after Reset)
• Multiplexed 8-bit Bus
with address and data on PORT0/P0L
• Demultiplexed 16-bit Bus with address on PORT1 and data on PORT0
• Demultiplexed 8-bit Bus
with address on PORT1 and data on P0L
Memory model and bus mode are selected during reset by pin EA and PORT0 pins. For
further details about the external bus configuration and control please refer to Chapter 9.
External word and byte data can only be accessed via indirect or long 16-bit addressing
modes using one of the four DPP registers. There is no short addressing mode for
external operands. Any word data access is made to an even byte address.
For PEC data transfers the external memory in segment 0 can be accessed independent
of the contents of the DPP registers via the PEC source and destination pointers.
The external memory is not provided for single bit storage and therefore it is not
bitaddressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com