Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 17Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Memory Organization – Special Function Registers
Page 14 of 132
© Philips Electronics N.V. 2005
2.5.1.
Accumulator ACC
ACC is the Accumulator register. The mnemonics for Accumulator-Specific instructions, however, refer
to the Accumulator simply as A.
ACC (A)
Accumulator
addr = E0H
reset value = 00H
bits
7
6
5
4
3
2
1
0
ACC
2.5.2.
Register B
The B-register is used during multiply and divide operations. For other instructions it can be treated as
another scratch pad register.
B
Register B
addr = F0H
reset value = 00H
bits
7
6
5
4
3
2
1
0
B
2.5.3.
Program Status Word PSW
The program status word (PSW) register contains program status information as detailed below.
PSW
Program Status Word
addr = D0H
reset value = 00H
bits
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
-
P
bit
symbol
function
PSW.7
CY
Carry Flag.
PSW.6
AC
Auxiliary Carry Flag.
PSW.5
F0
Flag 0 available to the user for general purpose.
PSW.4
PSW.3
RS1
RS0
0 0
0 1
1 0
1 1
Register Bank selector bit 1.
Register Bank selector bit 0.
(RS1, RS0) select the register bank as follows:
Bank 0
(00H .. 07H)
Bank 1
(08H .. 0FH)
Bank 2
(10H .. 17H)
Bank 3
(18H .. 1FH)
PSW.3
RS0
Register Bank selector bit 0 (see note).
PSW.2
OV
Overflow Flag.
PSW.1
-
Usable as a general-purpose flag.
PSW.0
P
Parity flag. Set/cleared by hardware each instruction cycle to indicate an
odd/even number of ‘1’ bits in the accumulator, that means even parity.
2.5.4.
Stack Pointer SP
The Stack Pointer (SP) register is 8 bits wide. It is incremented before data is stored during PUSH and
CALL executions. While the stack may reside anywhere in on-chip RAM, the Stack Pointer is initialized
to 07H after a reset. This causes the stack to begin at locations 08H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com