Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 21Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 22Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 23Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 24Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 25Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 26Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 27Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 28Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – Interrupt Controller
Handshake Solutions
© Philips Electronics N.V. 2005
Page 25 of 132
A longer response time would result if the request were blocked by one of the 2 previously listed con-
ditions. If an interrupt of equal or higher priority level is already in progress, the additional wait time
obviously depends on the nature of the other interrupt’s service routine. If the instruction in progress is
not in its final cycle, the additional wait time cannot be more the 3 cycles, since the longest instructions
(MUL and DIV) are only 4 cycles long, and if the instruction in progress is RETI or an access to IE or
IP, the additional wait time cannot be more than 5 cycles (a maximum of one more cycle to complete
the instruction in progress, plus 4 cycles to complete the next instruction if the instruction is MUL or
DIV).
Thus, in a single-interrupt system, the response time is always more than 3 cycles and less than 9
cycles.
5.1.4.
Setting up the Interrupt Controller
To use any of the interrupts in the 80C51 Family, the following three steps must be taken.
1.
Set the EA (enable all) bit in the IE register to 1.
2.
Set the corresponding individual interrupt enable bit in the IE register to 1.
3.
Begin the interrupt service routine at the corresponding Vector Address of that interrupt (see
[Table 2]).
In addition, for external interrupts (input pins t01_int0_n_i and t01_int1_n_i) depending on
whether the interrupt is to be level or transition activated, bits IT0 or IT1 in the TCON register may need
to be set to 1.
ITx = 0 level activated
ITx = 1 transition activated
5.1.4.1.
Assigning a Higher Priority to One or More Interrupts
In order to assign higher priority to an interrupt, the corresponding bit in the IPx register must be set to
1.
Remember that while an interrupt service is in progress, it cannot be interrupted by a lower or same
level interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com