Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 27Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 28Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 29Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 30Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 31Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 32Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 33Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 34Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – Timers 0 and 1
Handshake Solutions
© Philips Electronics N.V. 2005
Page 31 of 132
5.2.5.
Setting up the Timers
[Table 3] and [Table 4] give some values for TMOD, which can be used to set up Timer 0 in different
modes.
For these tables it is assumed that only one timer is being used at a time. If it is desired to run Timers
0 and 1 simultaneously, in any mode, the value in TMOD for Timer 0 must be ORed with the value
shown for Timer 1 ([Table 5] and [Table 6]).
For example, if it is desired to run Timer 0 in mode 1 GATE (external control), and Timer 1 in mode 2
COUNTER, then the value that must be loaded into TMOD is 69H (09H from [Table 3] ORed with 60H
from [Table 6]). Moreover, it is assumed that the user, at this point, is not ready to turn the timers on
and will do that at a different point in the program by setting bit TRx (in TCON) to 1.
5.2.5.1.
TIMER/COUNTER 0
TMOD
mode timer 0
function
internal control
(note 1)
external control
(note 2)
0
1
2
3
13bit timer
16bit timer
8bit auto-reload
two 8bit timers
00H
01H
02H
03H
08H
09H
0AH
0BH
[Table 3]
Timer 0 as a Timer
TMOD
mode timer 0
function
internal control
(note 1)
external control
(note 2)
0
1
2
3
13bit timer
16bit timer
8bit auto-reload
two 8bit timers
04H
05H
06H
07H
0CH
0DH
0EH
0FH
[Table 4]
Timer 0 as a Counter
NOTES:
1.
The Timer is turned ON/OFF by setting/clearing bit TR0 in the software.
2.
The Timer is turned ON, if both t01_int0_n_i = 1 and TR0 = 1 (hardware control).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com