Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 23Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 24Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 25Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 26Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 27Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 28Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 29Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 30Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
HT80C51 User Manual
Peripheral Modules – Timers 0 and 1
Handshake Solutions
© Philips Electronics N.V. 2005
Page 27 of 132
TCON
Timer/Counter Control
addr = 88H
reset value = 00H
bits
7
6
5
4
3
2
1
0
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
bit
symbol
Function
TCON.7
TF1
Timer 1 overflow flag.
Set by hardware on Timer/Counter overflow.
Cleared by hardware when processor vectors to interrupt routine, or
clearing the bit in software.
TCON.6
TR1
1:
0:
Timer 1 Run control bit. Set/cleared by software to turn Timer 1 on/off.
Timer 1 on.
Timer 1 off.
TCON.5
TF0
Timer 0 overflow flag.
Set by hardware on Timer/Counter overflow.
Cleared by hardware when processor vectors to interrupt routine, or
clearing the bit in software.
TCON.4
TR0
1:
0:
Timer 0 Run control bit. Set/cleared by software to turn Timer 1 on/off.
Timer 0 on.
Timer 0 off.
TCON.3
IE1
Interrupt 1 edge flag. Set by hardware when external interrupt is de-
tected. Cleared when interrupt is processed.
TCON.2
IT1
1:
0:
Interrupt 1 type control bit.
External interrupt t01_int1_n_i is edge sensitive (falling edge).
External interrupt t01_int1_n_i is level sensitive (low level).
TCON.1
IE0
Interrupt 0 edge flag. Set by hardware when external interrupt is de-
tected. Cleared when interrupt is processed.
TCON.0
IT0
1:
0:
Interrupt 0 type control bit.
External interrupt t01_int0_n_i is edge sensitive (falling edge).
External interrupt t01_int0_n_i is level sensitive (low level).
TL0
Timer 0 Counter Register, Low Byte
addr = 82H
reset value = 00H
bits
7
6
5
4
3
2
1
0
TL0
TH0
Timer 0 Counter Register, High Byte
addr = 84H
reset value = 00H
bits
7
6
5
4
3
2
1
0
TH0
TL1
Timer 1 Counter Register, Low Byte
addr = 83H
reset value = 00H
bits
7
6
5
4
3
2
1
0
TL1
TH1
Timer 1 Counter Register, High Byte
addr = 85H
reset value = 00H
bits
7
6
5
4
3
2
1
0
TH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com