Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 26Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 27Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 28Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 29Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 30Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 31Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 32Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 33Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – Timers 0 and 1
Page 30 of 132
© Philips Electronics N.V. 2005
t
01_clk_i
t1_count_i
t01_int1_n_i
GATE1
TR1
TL1
(8 Bits)
TF1
interrupt
Control
C/T1=1
C/T1=0
TH1
(8 Bits)
Reload
[Figure 10] Timer/counter Mode 2: 8bit auto-reload.
5.2.4.4.
Mode 3
Timer 1 in mode 3 simply holds its count. The effect is the same as setting TR1 = 0.
Timer 0 in mode 3 establishes TL0 and TH0 as two separate counters. The logic for mode 3 on timer 0
is shown in [Figure 11].
TL0 uses the timer 0 control bits: C/T0, GATE0, TR0, t01_int0_n_i and TF0.
TH0 is locked into a timer function (counting timer clocks t01_clk_i) and takes over the use of TR1
and TF1 from timer 1. Thus, TH0 now controls the “timer 1” interrupt.
Mode 3 is provided for applications requiring an extra 8-bit timer on the counter. With timer 0 in mode
3, an 80C51 can look like it has three timer/counters. When timer 0 is in mode 3, timer 1 can be turned
on and off by switching it out of and into its own mode 3, or can still be used by the serial port as a
baud rate generator, or in fact, in any application not requiring an interrupt.
t
01_clk_i
t0_count_i
t01_int0_n_i
GATE0
TR0
TL0
(8 Bits)
TF0
int1
Control
C/T0=1
C/T0=0
t01_clk_i
TR1
TH0
(8 Bits)
TF1
int3
[Figure 11] Timer/counter 0 mode 3: Two 8bit counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com