Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 17Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 18Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 19Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 20Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 21Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 22Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 23Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – Interrupt Controller
Page 20 of 132
© Philips Electronics N.V. 2005
5.
Peripheral Modules
For the HT80C51 a number of standard peripherals like timers and serial interfaces exist. They are
compatible to the standard peripherals in synchronous implementations. The peripherals can be or-
dered along with the CPU and are then part of a combined delivery. The following chapters describe
these peripherals in detail with further options (if available) and their SFRs.
5.1.
Interrupt Controller
This module handles the enabling and priority decoding of interrupt requests as well as entering and
leaving the interrupt routines. The number of interrupt inputs can be configured from 0 up to 15.
5.1.1.
Options
The interrupt controller can be ordered by option HT80C51_INT.
The number of interrupt inputs int_req_i can be selected (ordered) by using option
HT80C51_INT_COUNT.
5.1.2.
Special function registers (IEN0 IEN1 IP0 IP1)
The number of implemented SFRs for the interrupt controller and even the number of bits within these
SFRs depends on the selected number of interrupt inputs. For each interrupt input int_req_i[x]
one interrupt enable bit and one interrupt priority bit exists. All interrupt enable bits are collected in two
SFRs: IEN0 and IEN1. All interrupt priority bits are collected in further two SFRs: IP0 and IP1.
If the number of interrupt inputs is greater than 0, SFRs IEN0 and IP0 exist.
If the number of interrupt inputs is greater than 7, SFRs IEN1 and IP1 exist, too.
IEN0
(IE)
Interrupt enable register 0
addr = A8H
reset value = 00H
bits
7
6
5
4
3
2
1
0
EA
IEN0.6
ES1
ES0
ET1
EX1
ET0
EX0
bit
symbol
Function
IEN0.7
EA
1:
0:
General enable/disable control. If EA = 0,
Any individually enabled interrupt will be accepted.
No interrupt is enabled.
IEN0.6
Enable interrupt input int_req_i[6].
IEN0.5
ES1
Enable I2C interrupt (if available) or interrupt input int_req_i[5].
IEN0.4
ES0
Enable UART interrupt (if available) or interrupt input int_req_i[4].
IEN0.3
ET1
Enable timer 1 overflow interrupt (if available) or interrupt input
int_req_i[3].
IEN0.2
EX1
Enable external interrupt from timer 1 (IE1) (if available) or interrupt
input int_req_i[2].
IEN0.1
ET0
Enable timer 0 overflow interrupt (if available) or interrupt input
int_req_i[1].
IEN0.0
EX0
Enable external interrupt from timer 0 (IE0) (if available) or interrupt
input int_req_i[0].
Bit values: 0 = interrupt disabled; 1 = interrupt enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com