Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 38Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 39Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 40Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 41Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 42Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 43Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 44Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 45Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – General Purpose IOs
Page 42 of 132
© Philips Electronics N.V. 2005
5.4.
General Purpose IOs
This module comprises unidirectional, parallel input and/or output ports to read in signals from the
environment or set signals for the system.
5.4.1.
Options
The number and addresses of output ports can be selected (ordered) by using options
HT80C51_GPIO_POUT_COUNT and HT80C51_GPIO_POUT_ADDRESSES.
The number and addresses of input ports can be selected (ordered) by using options
HT80C51_GPIO_PIN_COUNT and HT80C51_GPIO_PIN_ADDRESSES.
Note: If an output port is placed at an address ending with 0H or 8H, the bits of the port are directly
addressable.
5.4.2.
Special function registers (POUTx PINx)
POUT0
Output Port 0
addr = 80H
(configurable)
reset value = FFH
bits
7
6
5
4
3
2
1
0
POUT0
bit
symbol
Function
POUT0.7
..
POUT0.0
set the output values of output pins gpio_pout0_o[7:0]
POUT1
Output Port 1
addr = 90H
(configurable)
reset value = FFH
bits
7
6
5
4
3
2
1
0
POUT1
bit
symbol
Function
POUT1.7
..
POUT1.0
set the output values of output pins gpio_pout1_o[7:0]
POUT2
Output Port 2
addr = A0H
(configurable)
reset value = FFH
bits
7
6
5
4
3
2
1
0
POUT2
bit
symbol
Function
POUT2.7
..
POUT2.0
set the output values of output pins gpio_pout2_o[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com