Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 83Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 84Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 85Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 86Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 87Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 88Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 89Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 90Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – 80C51 Instruction Set Summary
Handshake Solutions
© Philips Electronics N.V. 2005
Page 87 of 132
6.
80C51 Family Instruction Set
6.1.
80C51 Instruction Set Summary
Instructions that affect flag settings(1)
Instruction
Flag
Instruction
Flag
C
OV
AC
C
OV
AC
ADD
X
X
X
CLR
C
0
ADDC
X
X
X
CPL
C
X
SUBB
X
X
X
ANL
C,bit
X
MUL
0
X
ANL
C,/bit
X
DIV
0
X
ORL
C,bit
X
DA
X
ORL
C,/bit
X
RRC
X
MOV
C,bit
X
RLC
X
CJNE
X
SETB C
1
(1) Note that operations on SFR byte address 208 or bit addresses 209-215 (i.e., the PSW or bits in the PSW) will also
affect flag settings.
Notes on instruction set and addressing modes:
Rn
Register R7-R0 of the currently selected Register Bank.
direct
8-bit internal data location’s address. This could be an Internal Data RAM location (0-127) or a
SFR [i.e., I/O port, control register, status register, etc. (128-255)].
@Ri
8-bit internal data RAM location (0-255) addressed indirectly through register R1 or R0.
#data
8-bit constant included in the instruction.
#data 16
16-bit constant included in the instruction
addr 16
16-bit destination address. Used by LCALL and LJMP. A branch can be anywhere within the
64k-byte Program Memory address space.
addr 11
11-bit destination address. Used by ACALL and AJMP. The branch will be within the same 2k-byte
page of program memory as the first byte of the following instruction.
Rel
Signed (two’s complement) 8-bit offset byte. Used by SJMP and all conditional jumps. Range is
–128 to +127 bytes relative to first byte of the following instruction.
Bit
Direct Addressed bit in Internal Data RAM or Special Function Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com