Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 89Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 90Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 91Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 92Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 93Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 94Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 95Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 96Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Handshake Solutions
© Philips Electronics N.V. 2005
Page 93 of 132
ADDC A,<src-byte>
Function: Add with Carry
Description: ADDC simultaneously adds the byte variable indicated, the carry flag and the Accumulator con-
tents, leaving the result in the Accumulator. The carry and auxiliary-carry flags are set, respec-
tively, if there is a carry-out from bit 7 or bit 3, and cleared otherwise. When adding unsigned inte-
gers, the carry flag indicates an overflow occurred.
OV is set if there is a carry-out of bit 6 but not out of bit 7, or a carry-out of bit 7 but not out of bit 6;
otherwise OV is cleared. When adding signed integers, OV indicates a negative number produced
as the sum of two positive operands, or a positive sum from two negative operands.
Four source operand addressing modes are allowed: register, direct, register-indirect, or immedi-
ate.
Example: The Accumulator holds 0C3H (11000011B) and register 0 holds 0AAH (10101010B) with the carry
flag set. The instruction,
ADDC A,R0
will leave 6EH (01101110B) in the Accumulator with AC cleared and both the Carry flag and OV
set to 1.
ADDC A,Rn
Bytes: 1
Cycles: 1
Encoding:
Operation: ADDC
(A)
← (A) + (C) + (Rn)
ADDC A,direct
Bytes: 2
Cycles: 1
Encoding:
Operation: ADDC
(A)
← (A) + (C) + (direct)
ADDC A,@Ri
Bytes: 1
Cycles: 1
Encoding:
Operation: ADDC
(A)
← (A) + (C) + ((Ri))
ADDC A,#data
Bytes: 2
Cycles: 1
Encoding:
Operation: ADDC
(A)
← (A) + (C) + #data
0
0
1
1
1
r
r
r
0
0
1
1
0
1
0
1
direct address
0
0
1
1
0
1
1
i
0
0
1
1
0
1
0
0
immediate data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com