Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 88Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 89Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 90Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 91Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 92Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 93Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 94Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 95Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 92 of 132
© Philips Electronics N.V. 2005
ADD A,<src-byte>
Function: Add
Description: ADD adds the byte variable indicated to the Accumulator, leaving the result in the Accumulator.
The carry and auxiliary-carry flags are set, respectively, if there is a carry-out from bit 7 or bit 3,
and cleared otherwise. When adding unsigned integers, the carry flag indicates an overflow oc-
curred.
OV is set if there is a carry-out of bit 6 but not out of bit 7, or a carry-out of bit 7 but not bit 6; oth-
erwise OV is cleared. When adding signed integers, OV indicates a negative number produced as
the sum of two positive operands, or a positive sum from two negative operands.
Four source operand addressing modes are allowed: register, direct, register-indirect, or immedi-
ate.
Example: The Accumulator holds 0C3H (11000011B) and register 0 holds 0AAH (10101010B). The instruc-
tion,
ADD A,R0
will leave 6DH (01101101B) in the Accumulator with the AC flag cleared and both the Carry flag
and OV set to 1.
ADD A,Rn
Bytes: 1
Cycles: 1
Encoding:
Operation: ADD
(A)
← (A) + (Rn)
ADD A,direct
Bytes: 2
Cycles: 1
Encoding:
Operation: ADD
(A)
← (A) + (direct)
ADD A,@Ri
Bytes: 1
Cycles: 1
Encoding:
Operation: ADD
(A)
← (A) + ((Ri))
ADD A,#data
Bytes: 2
Cycles: 1
Encoding:
Operation: ADD
(A)
← (A) + #data
0
0
1
0
1
r
r
r
0
0
1
0
0
1
0
1
direct address
0
0
1
0
0
1
1
i
0
0
1
0
0
1
0
0
immediate data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com