Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 90Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 91Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 92Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 93Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 94Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 95Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 96Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 97Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 94 of 132
© Philips Electronics N.V. 2005
AJMP addr11
Function: Absolute Jump
Description: AJMP transfers program execution to the indicated address, which is formed at run-time by con-
catenating the high-order five bits of the PC ( after incrementing the PC twice), opcode bits 7-5,
and the second byte of the instruction. The destination must therefore be within the same 2k block
of program memory as the first byte of the instruction following AJMP.
Example: The label “JMPADR” is at program memory location 0123H. The instruction,
AJMP JMPADR
is at location 0345H and will load the PC with 0123H.
Bytes: 2
Cycles: 2
Encoding:
Operation: AJMP
(PC)
← (PC) + 2
(PC10-0)
← page address
ANL <dest-byte>,<src-byte>
Function: Logical-AND for byte variables
Description: ANL performs the bitwise logical-AND operation between the variables indicated and stores the
results in the destination variable. No flags are affected.
The two operands allow six addressing mode combinations. When the destination is the Accumu-
lator, the source can use register, direct, register-indirect, or immediate addressing; when the des-
tination is a direct address, the source can be the Accumulator or immediate data.
Note: When this instruction is used to modify an output port, the value used as the original port
data will be read from the output data latch, not the input pins.
Example: If the Accumulator holds 0C3H (11000011B) and register 0 holds 55H (01010101B) then the in-
struction,
ANL A,R0
will leave 41H (01000001B) in the Accumulator.
When the destination is a directly addressed byte, this instruction will clear combinations of bits in
any RAM location or hardware register. The mask byte determining the pattern of bits to be
cleared would either be a constant contained in the instruction or a value computed in the Accu-
mulator at run-time. The instruction,
ANL P1,#01110011B
will clear bits 7, 3, and 2 of output port 1.
a10
a9
a8
0
0
0
0
1
a7
a6
a5
a4
a3
a2
a1
a0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com