Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 48Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 49Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 50Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 51Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 52Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 53Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 54Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 55Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – I2C Interface (SIO1)
Page 52 of 132
© Philips Electronics N.V. 2005
SDA
SCL
SPACE DURATION
(2)
MARK
DURATION
(1)
(3)
(1)
(1) Another service pulls the SCL line low before the SIO1 "mark" duration is complete. The serial clock
generator is immediately reset and commences with the"space" duration by pulling SCL low.
(2) Another device still pulls the SCL line low after SIO1 releases SCL. The serial clock generator is forced into
the wait state until the SCL line is released.
(3) The SCL line is released, and the serial clock generator commences with the mark duration.
[Figure 18] Serial Clock Synchronization
Serial Clock Generator
This programmable clock pulse generator provides the SCL clock pulses when SIO1 is in the Master
Transmitter or Master Receiver mode. It is switched off when SIO1 is in a Slave mode. The program-
mable output clock frequencies are: fi2c_clk_i/60 to fi2c_clk_i/256 and the Timer 1 overflow rate divided by
eight. The output clock pulses have a 50% duty cycle unless the clock generator is synchronized with
other SCL clock sources as described above.
Timing and Control
The timing and control logic generates the timing and control signals for serial byte handling. This logic
block provides the shift pulses for S1DAT, enables the comparator, generates and detects start and
stop conditions, receives and transmits acknowledge bits, controls the master and Slave modes, con-
tains interrupt request logic, and monitors the I2C bus status.
Control Register, S1CON
This 7-bit special function register is used by the microcontroller to control the following SIO1 func-
tions: start and restart of a serial transfer, termination of a serial transfer, bit rate, address recognition,
and acknowledgment.
Status Decoder and Status Register
The status decoder takes all of the internal status bits and compresses them into a 5-bit code. This
code is unique for each I2C bus status. The 5-bit code may be used to generate vector addresses for
fast processing of the various service routines. Each service routine processes a particular bus status.
There are 26 possible bus states if all four modes of SIO1 are used. The 5-bit status code is latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com