Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT80C51 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 62Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 63Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 64Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 65Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 66Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 67Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 68Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 69Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
Peripheral Modules – I2C Interface (SIO1)
Page 66 of 132
© Philips Electronics N.V. 2005
application software response
to S1CON
status
code
S1STA
status of the I2C bus
and SIO1 hardware
to/from S1DAT
STA STO
SI
AA
next action taken by SIO1 hard-
ware
08H
A START condition has been
transmitted
Load SLA+R
X
0
0
X
SLA+W will be transmitted;
ACK bit will be received
10H
A repeated START condition
has been transmitted
Load SLA+R or
Load SLA+W
X
X
0
0
0
0
X
X
As above
SLA+W will be transmitted;
SIO1 will be switched to MST/TRX mode
38H
Arbitration
lost
in
NOT ACK bit
No S1DAT action or
no S1DAT action
0
1
0
0
0
0
X
X
I2C bus will be released;
SIO1 will enter slave mode
A START condition will be transmitted
when the bus becomes free
40H
SLA+R has been transmitted;
ACK has been received
No S1DAT action or
no S1DAT action
0
0
0
0
0
0
0
1
Data byte will be received;
NOT ACK bit will be returned
Data byte will be received;
ACK bit will be returned
48H
SLA+R has been transmitted;
NOT ACK has been received
No S1DAT action or
no S1DAT action or
no S1DAT action
1
0
1
0
1
1
0
0
0
X
X
X
Repeated START will be transmitted
STOP condition will be transmitted;
STO flag will be reset
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
50H
Data byte has been received;
ACK has been returned
Read data byte or
read data byte
0
0
0
0
0
0
0
1
Data byte will be received;
NOT ACK bit will be returned
Data byte will be received;
ACK bit will be returned
58H
Data byte has been received;
NOT ACK has been returned
Read data byte or
read data byte or
read data byte
1
0
1
0
1
1
0
0
0
X
X
X
Repeated START will be transmitted
STOP condition will be transmitted;
STO flag will be reset
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
[Table 11] Master Receiver Mode (not available for slave-only version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com