Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 383Page - Renesas Technology Corp HD6417618A Datasheet HTML 384Page - Renesas Technology Corp HD6417618A Datasheet HTML 385Page - Renesas Technology Corp HD6417618A Datasheet HTML 386Page - Renesas Technology Corp HD6417618A Datasheet HTML 387Page - Renesas Technology Corp HD6417618A Datasheet HTML 388Page - Renesas Technology Corp HD6417618A Datasheet HTML 389Page - Renesas Technology Corp HD6417618A Datasheet HTML 390Page - Renesas Technology Corp HD6417618A Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 355 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
3
MCE
0
R/W
Modem Control Enable
Enables modem control signals
CTS and RTS.
In synchronous mode, clear this bit to 0.
This bit is available only in SCFCR_0 and SCFCR_1. In
SCFCR_2, this bit is reserved. The initial value is 0 and
the write value should always be 0.
0: Modem signal disabled*
1: Modem signal enabled
Note: * The
CTS signal is fixed active 0 regardless of
the input value, and the
RTS signal is also
fixed 0.
2
TFRST
0
R/W
Transmit FIFO Data Register Reset
Disables the transmit data in the transmit FIFO data
register and resets the data to the empty state.
0: Reset operation disabled*
1: Reset operation enabled
Note: * Reset operation is executed by a power-on
reset.
1
RFRST
0
R/W
Receive FIFO Data Register Reset
Disables the receive data in the receive FIFO data
register and resets the data to the empty state.
0: Reset operation disabled*
1: Reset operation enabled
Note: * Reset operation is executed by a power-on
reset.
0
LOOP
0
R/W
Loop-Back Test
Internally connects the transmit output pin (TxD) and
receive input pin (RxD) and enables loop-back testing.
0: Loop back test disabled
1: Loop back test enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com