Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 385Page - Renesas Technology Corp HD6417618A Datasheet HTML 386Page - Renesas Technology Corp HD6417618A Datasheet HTML 387Page - Renesas Technology Corp HD6417618A Datasheet HTML 388Page - Renesas Technology Corp HD6417618A Datasheet HTML 389Page - Renesas Technology Corp HD6417618A Datasheet HTML 390Page - Renesas Technology Corp HD6417618A Datasheet HTML 391Page - Renesas Technology Corp HD6417618A Datasheet HTML 392Page - Renesas Technology Corp HD6417618A Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 357 of 610
REJ09B0131-0600
14.3.11
Serial Port Register (SCSPTR)
SCSPTR is a 16-bit register that controls input/output and data for the pins multiplexed to the
SCIF function. Bits 7 and 6 can control the
RTS pin, bits 5 and 4 can control the CTS pin, and bits
3 and 2 can control the SCK pin. Bits 1 and 0 can be used to read the input data from the RxD pin
and to output data to the TxD pin, so they control break of serial transfer. In addition to
descriptions of individual bits shown below, see section 14.6, Serial Port Register (SCSPTR) and
SCIF Pins.
SCSPTR can always be read from or written to by the CPU. Bits 7, 5, 3, and 1 in SCSPTR are
initialized by a power-on reset.
Bit
Bit Name
Initial
value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
RTSIO
0
R/W
RTS Port Input/Output Control
Controls the
RTS pin in combination with the RTSDT bit
in this register and the MCE bit in SCFCR.
This bit is reserved in SCPTR_2 of SCIF channel 2
since SCIF channel 2 does not support the flow control.
6
RTSDT
*
R/W
RTS Port Data
Controls the
RTS pin in combination with the RTSIO bit
in this register and the MCE bit in SCFCR. Select the
RTS pin function in the PFC (pin function controller)
beforehand.
MCE RTSIO RTSDT:
RTS pin state
0
0
×:
Input (initial state)
0
1
0:
Low level output
0
1
1:
High level output
1
×
×:
Sequence output according to
modem control logic
×: Don't care
The
RTS pin state is read from this bit instead of the set
value. This bit is reserved in SCPTR_2 of SCIF channel
2 since SCIF channel 2 does not support the flow
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com