Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 386Page - Renesas Technology Corp HD6417618A Datasheet HTML 387Page - Renesas Technology Corp HD6417618A Datasheet HTML 388Page - Renesas Technology Corp HD6417618A Datasheet HTML 389Page - Renesas Technology Corp HD6417618A Datasheet HTML 390Page - Renesas Technology Corp HD6417618A Datasheet HTML 391Page - Renesas Technology Corp HD6417618A Datasheet HTML 392Page - Renesas Technology Corp HD6417618A Datasheet HTML 393Page - Renesas Technology Corp HD6417618A Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 358 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
5
CTSIO
0
R/W
CTS Port Input/Output Control
Controls the
CTS pin in combination with the CTSDT bit
in this register and the MCE bit in SCFCR.
This bit is reserved in SCPTR_2 of SCIF channel 2
since SCIF channel 2 does not support the flow control.
4
CTSDT
*
R/W
CTS Port Data
Controls the
CTS pin in combination with the CTSIO bit
in this register and the MCE bit in SCFCR. Select the
CTS pin function in the PFC (pin function controller)
beforehand.
MCE
CTSIO
CTSDT:
CTS pin state
0
0
×:
Input (initial state)
0
1
0:
Low level output
0
1
1:
High level output
1
×
×:
Input to modem control logic
×: Don't care
The
CTS pin state is read from this bit instead of the set
value. This bit is reserved in SCPTR_2 of SCIF channel
2 since SCIF channel 2 does not support the flow
control.
3
SCKIO
0
R/W
SCK Port Input/Output Control
Controls the SCK pin in combination with the SCKDT
bit in this register, the C/A bit in SCSMR, and bits CKE1
and CKE0 in SCSCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com