Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 389Page - Renesas Technology Corp HD6417618A Datasheet HTML 390Page - Renesas Technology Corp HD6417618A Datasheet HTML 391Page - Renesas Technology Corp HD6417618A Datasheet HTML 392Page - Renesas Technology Corp HD6417618A Datasheet HTML 393Page - Renesas Technology Corp HD6417618A Datasheet HTML 394Page - Renesas Technology Corp HD6417618A Datasheet HTML 395Page - Renesas Technology Corp HD6417618A Datasheet HTML 396Page - Renesas Technology Corp HD6417618A Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 361 of 610
REJ09B0131-0600
14.3.12
Line Status Register (SCLSR)
SCLSR is a 16-bit readable/writable register which can always be read from and written to by the
CPU. However, a 1 cannot be written to the ORER flag. This flag can be cleared to 0 only if it has
first been read (after being set to 1). SCLSR is initialized to H'0000 by a power-on reset.
Bit
Bit Name
Initial
value
R/W
Description
15 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
ORER
0
R/(W)* Overrun Error
Indicates the occurrence of an overrun error.
0: Receiving is in progress or has ended normally *
1
[Clearing conditions]
• ORER is cleared to 0 when the chip is a power-on
reset
• ORER is cleared to 0 when 0 is written after 1 is
read from ORER.
1: An overrun error has occurred *
2
[Setting condition]
• ORER is set to 1 when the next serial receiving is
finished while receive FIFO data are full.
Notes: 1. Clearing the RE bit to 0 in SCSCR does
not affect the ORER bit, which retains its
previous value.
2. The receive FIFO data register (SCFRDR)
hold the data before an overrun error is
occurred, and the next receive data is
extinguished. When ORER is set to 1,
SCIF can not continue the next serial
receiving.
Note: *
The only value that can be written is 0 to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com