Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 388Page - Renesas Technology Corp HD6417618A Datasheet HTML 389Page - Renesas Technology Corp HD6417618A Datasheet HTML 390Page - Renesas Technology Corp HD6417618A Datasheet HTML 391Page - Renesas Technology Corp HD6417618A Datasheet HTML 392Page - Renesas Technology Corp HD6417618A Datasheet HTML 393Page - Renesas Technology Corp HD6417618A Datasheet HTML 394Page - Renesas Technology Corp HD6417618A Datasheet HTML 395Page - Renesas Technology Corp HD6417618A Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 360 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
0
SPBDT
*
R/W
Serial Port Break Data
Controls the TxD pin in combination with the SPBIO bit
in this register and the TE bit in SCSCR. The RxD pin
state can also be monitored. Select the TxD or RxD pin
function in the PFC (pin function controller) beforehand.
TE
SPBIO SPBDT: TxD pin state
0
0
×:
Input (initial state)
0
1
0:
Low level output
0
1
1:
High level output
0
×
×:
Transmit data output according
to serial core logic
×: Don't care
The RxD pin state is read from this bit instead of the set
value.
Note:
*
This bit is read as an undefined value and the setting value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com