Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 36Page - Renesas Technology Corp 7643 Datasheet HTML 37Page - Renesas Technology Corp 7643 Datasheet HTML 38Page - Renesas Technology Corp 7643 Datasheet HTML 39Page - Renesas Technology Corp 7643 Datasheet HTML 40Page - Renesas Technology Corp 7643 Datasheet HTML 41Page - Renesas Technology Corp 7643 Datasheet HTML 42Page - Renesas Technology Corp 7643 Datasheet HTML 43Page - Renesas Technology Corp 7643 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 23 of 103
7643 Group
REJ09B0133-0200
OVERVIEW
Fig. 17 Structure of interrupt-related registers
Interrupt request register A (address 000216)
IREQA
USB function interrupt request bit
Reserved bit (Undefined at read, “0” at write)
INT0 interrupt request bit
INT1 interrupt request bit
DMAC0 interrupt request bit
DMAC1 interrupt request bit
UART receive buffer full interrupt request bit
UART transmit interrupt request bit
b7
b0
Interrupt polarity select register (address 001116)
IPOL
INT0 interrupt edge select bit
INT1 interrupt edge select bit
Reserved bits (“0” at read/write)
0 : Falling edge active
1 : Rising edge active
b7
b0
0 : Interrupts disabled
1 : Interrupts enabled
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt request register B address (address 000316)
IREQB
UART summing error interrupt request bit
Reserved bit (Undefined at read, “0” at write)
Reserved bit (Undefined at read, “0” at write)
Reserved bit (Undefined at read, “0” at write)
Reserved bit (Undefined at read, “0” at write)
Reserved bit (Undefined at read, “0” at write)
Timer 1 interrupt request bit
Timer 2 interrupt request bit
b7
b0
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt control register A (address 000516)
ICONA
USB function interrupt enable bit
Reserved bit (“0” at read/write)
INT0 interrupt enable bit
INT1 interrupt enable bit
DMAC0 interrupt enable bit
DMAC1 interrupt enable bit
UART receive buffer full interrupt enable bit
UART transmit interrupt enable bit
b7
b0
Interrupt request register C (address 000416)
IREQC
Timer 3 interrupt request bit
Reserved bit (Undefined at read, “0” at write)
Reserved bit (Undefined at read, “0” at write)
Serial I/O interrupt request bit
Reserved bit (Undefined at read, “0” at write)
Reserved bit (Undefined at read, “0” at write)
Key input interrupt request bit
Reserved bit (“0” at read/write)
b7
b0
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt control register B (address 000616)
ICONB
UART summing error interrupt enable bit
Reserved bit (“0” at read/write)
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
b7
b0
0 : Interrupts disabled
1 : Interrupts enabled
Interrupt control register C (address 000716)
ICONC
Timer 3 interrupt enable bit
Reserved bit (“0” at read/write)
Reserved bit (“0” at read/write)
Serial I/O interrupt enable bit
Reserved bit (“0” at read/write)
Reserved bit (“0” at read/write)
Key input interrupt enable bit
Reserved bit (“0” at read/write)
b7
b0
0 : Interrupts disabled
1 : Interrupts enabled
0
00 00 00
0
0
00
00
00
00
0
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com