Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp 7643 Datasheet HTML 77Page - Renesas Technology Corp 7643 Datasheet HTML 78Page - Renesas Technology Corp 7643 Datasheet HTML 79Page - Renesas Technology Corp 7643 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 59 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 20 cycles or more of
φ. Then the RESET pin is returned to
an “H” level, and reset is released. They must be performed when
the power source voltages are between 3.00 V and 3.60 V or 4.15
V and 5.25 V.
After the reset is completed, the program starts from the address
contained in address FFFA16 (high-order byte) and address
FFFB16 (low-order byte).
After oscillation has restarted, the timers 1 and 2 secures waiting
time for the internal clock
φ oscillation stabilized automatically by
setting the timer 1 to “FF16” and timer 2 to “0116”. The internal
clock
φ retains “H” level until Timer 2’s underflow and it cannot be
supplied until the underflow.
The pins state during reset are follows:
•When CNVss = “H”
Ports P0, P1, P33 to P37
: Outputting
Pins other than above mentioned ports
: Inputting
•When CNVss = “L”
All pins
: Inputting.
Fig. 54 Reset sequence
Fig. 53 Reset circuit example
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc = 3.00 or 4.15 V
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: 512 clock cycles
?
?
?
?
FFFA
FFFB
ADH,L
?
?
?
?
ADL
ADH
Reset address from
the vector table.
Notes: The question marks (?) indicate an undefined state that depends on the previous state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com