Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 65Page - Renesas Technology Corp 7643 Datasheet HTML 66Page - Renesas Technology Corp 7643 Datasheet HTML 67Page - Renesas Technology Corp 7643 Datasheet HTML 68Page - Renesas Technology Corp 7643 Datasheet HTML 69Page - Renesas Technology Corp 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 52 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
[USB Endpoint x (x = 1, 2) IN Control Register] IN_CSR
This register contains the control and status information of the re-
spective IN Endpoints 1, 2.
Set the IN_PKT_RDY bit to “1” after the data packet has been
written to the IN FIFO. This bit is cleared to “0” when the data
transfer is completed. In a bulk IN transfer, this bit is cleared when
an ACK signal is received from the host. If an ACK signal is not re-
ceived, this bit (and the TX_NOT_EMPTY bit) remains as “1”. This
same data packet is sent after the next IN token is received. The
FLUSH bit is for flushing the data in the IN FIFO.
Fig. 44 Structure of USB endpoint x (x = 1, 2) IN control register
USB endpoint x IN control register (address 005916)
IN_CSR
INT_PKT_RDY bit (INXCSR0)
0: End of a data packet transmission (Note 1)
1: Write “1” at completion of writing a data packet into IN FIFO. (Note 3)
Reserved bit (“0” at read/write)
SEND_STALL bit (INXCSR2) (Note 2)
0: Except the following condition
1: Transmitting STALL handshake signal
TOGGLE_INIT bit (INXCSR3) (Note 2)
0: Except the following condition
1: Initializing the data toggle sequence bit
INTPT bit (INXCSR4) (Note 2)
0: Except the following condition
1: Initializing to endpoint used for interrupt transfer, rate feedback
TX_NOT_EPT flag (INXCSR5) (Note 1)
0: Empty in IN FIFO
1: Full in IN FIFO
FLUSH bit (INXCSR6)
0: Except the following condition (Note 4)
1: Flush FIFO. (Note 4)
AUTO_SET bit (INXCSR7) (Note 2)
0: AUTO_SET disabled
1: AUTO_SET enabled (Note 5)
b0
b7
Notes 1: This bit is automatically set to “1” or cleared to “0”.
2: The user must program to “1” or “0”.
3: When AUTO_SET bit is “0”, the user must set to “1”.
When AUTO_SET bit is “1”, this bit is automatically set to “1”.
4: This bit is automatically cleared to “0” after setting “1”.
5: To use the AUTO_SET function for an IN transfer when the AUTO_SET bit is set to “1”, set
the FIFO to single buffer mode.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com