Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 77Page - Renesas Technology Corp 7643 Datasheet HTML 78Page - Renesas Technology Corp 7643 Datasheet HTML 79Page - Renesas Technology Corp 7643 Datasheet HTML 80Page - Renesas Technology Corp 7643 Datasheet HTML 81Page - Renesas Technology Corp 7643 Datasheet HTML 82Page - Renesas Technology Corp 7643 Datasheet HTML 83Page - Renesas Technology Corp 7643 Datasheet HTML 84Page - Renesas Technology Corp 7643 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 64 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
Notes
Reset
FSC0
“0”
←→“1”
XIN clock oscillating,
XCIN clock stopped,
Frequency synthesizer
clock stopped,
CPMA = 0C, FSC = 60
φ = f(XIN/4)
1 : Switch the mode by the allows shown between the mode blocks. (Do not switch between the modes directly without an allow.)
2 : In Stop mode, though the frequency synthesizer is not automatically disabled, the oscillator which sends clocks to the frequency
synthesizer stops. Set the system clock and disable the frequency synthesizer before execution of the STP instruction.
3 :
φ = f(XIN)/2 can be also used by setting the XIN divider select bit (CCR7) to “1”. Then this diagram also applies to that case.
4 : The frequency synthesizer’s input can be selected between XIN input and XCIN input regardless of the system clock. This diagram
assumes the frequency synthesizer’s input to be the system clock. Enable the oscillator to be used for the frequency synthesizer’s input
before enabling the frequency synthesizer.
5 : Select the XCIN input as the frequency synthesizer’s input by setting the frequency synthesizer input bit (FSC3) to “1” before stopping XIN
oscillation.
(Note 3)
XIN clock oscillating,
XCIN clock stopped,
Frequency synthesizer
clock oscillating,
CPMA = 0C, FSC = 41
φ = f(XIN/4)
CPMA6
“0”
←→“1”
XIN clock oscillating,
XCIN clock stopped,
Frequency synthesizer
clock oscillating,
CPMA = 4C, FSC = 41
φ = f(PLL)/2
(Note 3)
(Note 4)
WAIT
STOP
(Note 2)
WAIT
FSC0
“0”
←→“1”
XIN clock oscillating,
XCIN clock oscillating,
Frequency synthesizer
clock stopped,
CPMA = 1C, FSC = 60
φ = f(XIN/4) (Note 3)
XIN clock oscillating,
XCIN clock oscillating,
Frequency synthesizer
clock oscillating,
CPMA = 1C, FSC = 41
φ = f(XIN/4)
CPMA6
“0”
←→“1”
XIN clock oscillating,
XCIN clock oscillating,
Frequency synthesizer
clock oscillating,
CPMA = 5C, FSC = 41
φ = f(PLL)/2
(Note 3)
(Note 4)
(Note 2)
WAIT
STOP
WAIT
FSC0
“0”
←→“1”
XIN clock oscillating,
XCIN clock oscillating,
Frequency synthesizer
clock stopped,
CPMA = 9C, FSC = 60
φ = f(XCIN/2)
XIN clock oscillating,
XCIN clock oscillating,
Frequency synthesizer
clock oscillating,
CPMA = 9C, FSC = 41
φ = f(XCIN/2)
CPMA6
“0”
←→“1”
XIN clock oscillating,
XCIN clock oscillating,
Frequency synthesizer
clock oscillating,
CPMA = DC, FSC = 41
φ = f(PLL)/2
(Note 4)
(Note 2)
WAIT
STOP
WAIT
FSC0
“0”
←→“1”
XIN clock stopped,
XCIN clock oscillating,
Frequency synthesizer
clock stopped,
CPMA = BC, FSC = 68
φ = f(XCIN/2)
XIN clock stopped,
XCIN clock oscillating,
Frequency synthesizer
clock oscillating,
CPMA = BC, FSC = 49
φ = f(XCIN/2)
CPMA6
“0”
←→“1”
XIN clock stopped,
XCIN clock oscillating,
Frequency synthesizer
clock oscillating,
CPMA = FC, FSC = 49
φ = f(PLL)/2
(Note 2)
WAIT
STOP
WAIT
(Note 5)
(Note 4)
Remarks : This diagram assumes that:
•Stack page is page 1
•In single-chip mode
(Depending on the CPU mode register A)
•
φ expresses the internal clock.
Fig. 60 State transitions of clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com