Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 63Page - Renesas Technology Corp 7643 Datasheet HTML 64Page - Renesas Technology Corp 7643 Datasheet HTML 65Page - Renesas Technology Corp 7643 Datasheet HTML 66Page - Renesas Technology Corp 7643 Datasheet HTML 67Page - Renesas Technology Corp 7643 Datasheet HTML 68Page - Renesas Technology Corp 7643 Datasheet HTML 69Page - Renesas Technology Corp 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 50 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
USB interrupt enable register 2 (address 005516)
USBIE2
Reserved bit (Undefined at read/“0” at write)
Reserved bit (“0” at read/write)
Reserved bit (Undefined at read/“0” at write)
Reserved bit (“1” at read/write)
Reserved bit (“0” at read/write)
USB suspend/resume interrupt enable bit (INTEN15)
0: Disabled
1: Enabled
b0
b7
00
01
✕✕
✕
Fig. 41 Structure of USB interrupt enable register 2
[USB Endpoint Index Register] USBINDEX
This register specifies the accessible endpoint. It serves as an in-
dex to endpoint-specific USB Endpoint x IN Control Register, USB
Endpoint x OUT Control Register, USB Endpoint x IN Max. Packet
Size Register, USB Endpoint x OUT Max. Packet Size Register,
USB Endpoint x OUT Write Count Register, and USB FIFO Mode
Selection Register (x = 0 to 2).
USB endpoint index register (address 005816)
USBINDEX
Endpoint index bit (EPINDEX) (Note)
b2b1b0
0 0 0: Endpoint 0
0 0 1: Endpoint 1
0 1 0: Endpoint 2
0 1 1: Not used
1 0 0: Not used
1 0 1: Not used
1 1 0: Not used
1 1 1: Not used
Reserved bit (“0” at read/write)
b0
b7
000
00
Note: Do not set Endpoint except Endpoint 0, 1 and 2.
Fig. 42 Structure of USB frame number registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com