Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 68Page - Renesas Technology Corp 7643 Datasheet HTML 69Page - Renesas Technology Corp 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 55 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
[USB endpoint x (x = 0 to 2) OUT Write Count Registers]
WRT_CNTR
This register contain the number of bytes in the endpoint x OUT
FIFO. This is read-only register. This register must be read after
the USB FCU has received a packet of data from the host.
When the OUT FIF0 is in double buffer mode, the CPU first reads
the received number of bytes of the former data packet. The next
CPU read can obtain that of the new data packet.
Fig. 48 Structure of USB endpoint x (x = 0 to 2) OUT write count registers
[USB Endpoint x (x = 0 to 2) FIFO Register] USBFIFOx
These registers are the USB IN (transmit) and OUT (receive) FIFO
data registers. Write data to the corresponding register, and read
data from the corresponding register.
When the maximum packet size is equal to or less than half the
FIFO size, these registers function in double buffer mode and can
hold two packets of data. When the IN_PKT_RDY bit is “0” and
the TX_NOT_EMPTY bit is “1”, these bits indicate that one packet
of data is stored in the IN FIFO. When the OUT FIFO is in double
buffer mode, the OUT_PKT_RDY flag remains as “1” after the first
packet of data is read out (it actually goes to “0” and returns to “1”
after one
φ cycle).
Endpoint x IN/OUT FIFO
USB endpoint x FIFO register
(addresses 006016, 006116, 006216)
USBFIFOx
b0
b7
Fig. 49 Structure of USB endpoint x (x = 0 to 2) FIFO register
The number of bytes in endpoint x OUT FIFO
USB endpoint x OUT write count register (address 005D16)
WRT_CNT
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com