Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 45Page - Renesas Technology Corp 7643 Datasheet HTML 46Page - Renesas Technology Corp 7643 Datasheet HTML 47Page - Renesas Technology Corp 7643 Datasheet HTML 48Page - Renesas Technology Corp 7643 Datasheet HTML 49Page - Renesas Technology Corp 7643 Datasheet HTML 50Page - Renesas Technology Corp 7643 Datasheet HTML 51Page - Renesas Technology Corp 7643 Datasheet HTML 52Page - Renesas Technology Corp 7643 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 32 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
q CTS (Clear-to-Send) Function
As a transmitter, the UART can be configured to recognize the
_______
Clear-to-Send (CTS) input as a handshaking signal. This is en-
abled by setting the CTS Function Enable Bit (bit 5 of UCON) to
“1”. If CTS function is enabled, even when transmission is enabled
and the UART transmit buffer register is filled with the data, the
transmission never starts; but it will start when inputting “L” to the
_______
CTS pin.
Figures 25 and 26 show the UART transmit timings.
UTXD output (P84/UTXD)
D0
D1
SP
ST
D2
D3 D4
D5 D6
D7
P
ST
SP
D0
D1
D2
D3
D4
D5
D6
D7
P
CTS pin
(P86/CTS)
Transfer clock
Tranmit enable bit
Transmit buffer
empty flag
Transmit complete flag
Data set into UART transmit buffer register 1
Data transferring from UART
transmit buffer register 1 to Transmit shift register 1
Halt due to CTS = “H”
Halt due to Tranmit
enable bit = “0”
This timing applying to the conditions:
•Character length = 8 bits
•Parity enabled
•1 stop bit
q UART Receive Operation
Reception is enabled when the Receive Enable Bit is “1”. Detec-
tion of the start bit makes transfer clocks generated and the data
reception starts in the LSB first.
When using 9-bit character length, read the received data from the
UART receive buffer register 2 (high-order byte) first before the
UART receive buffer register 1 (low-order byte).
Reception requires the following setup:
(1) Define a baud rate by setting a value n (n = 0 to 255) into
UART baud rate generator (addresses 003116).
(2) Set the Receive Initialization Bit (bit 3 of UCON) to “1”.
(3) Configure the data format and clock selection by setting the
UART mode register.
(4) Set the RTS Function Enable Bit (bit 5 of UCON) if RTS func-
tion will be used.
(5) Set the Receive Enable Bit (bit 1 of UCON) to “1”.
_______
Fig. 25 UART transmit timing (CTS function enabled)
q UART Transmit Operation
Transmission starts when the Transmit Enable Bit is “1” and the
Transmit Buffer Empty Flag is “0”. Additionally, when CTS function
enabled, the CTS pin must be “L” to be started. The data in which
Start Bit and Stop Bit or Parity Bit are also added is transmitted
from the low-order byte sequentially. When using 9-bit character
length, set the data into the UART transmit buffer register 2 (high-
order byte) first before the UART transmit buffer register 1
(low-order byte).
Once the transmission starts, the Transmit Enable Bit, the Trans-
_______
mit Buffer Empty Flag and the CTS pin state (when this is
enabled) could not be checked until the transmission in progress
has ended.
Transmission requires the following setup:
(1) Define a baud rate by setting a value n (n = 0 to 255) into
UART baud rate generator (addresses 003116).
(2) Set the Transmit Initialization Bit (bit 2 of UCON) to “1”. This
will set the UART status register to “0316”.
(3) Select the interrupt source with the Transmit Interrupt Source
Select Bit (bit 4 of UCON).
(4) Configure the data format and clock selection by setting the
UART mode register.
(5) Set the CTS Function Enable Bit (bit 5 of UCON) if CTS func-
tion will be used.
(6) Set the Transmit Enable Bit (bit 0 of UCON) to “1”.
If updating a value of UART baud rate generator while the data is
being transmitted, be sure to disable the transmission before up-
dating. If the former data remains in the UART transmit buffer
registers 1 and 2 at retransmission, an undefined data might be
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com