Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 60Page - Renesas Technology Corp 7643 Datasheet HTML 61Page - Renesas Technology Corp 7643 Datasheet HTML 62Page - Renesas Technology Corp 7643 Datasheet HTML 63Page - Renesas Technology Corp 7643 Datasheet HTML 64Page - Renesas Technology Corp 7643 Datasheet HTML 65Page - Renesas Technology Corp 7643 Datasheet HTML 66Page - Renesas Technology Corp 7643 Datasheet HTML 67Page - Renesas Technology Corp 7643 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 47 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
[USB Address Register] USBA
The USB address register maintains the USB function control unit
address assigned by the host computer. When receiving the
SET_ADDRESS, keep it in this register. The values of this register
are “0” when the device is not yet configured. The values of this
register are also set to “0” when the USB block is disabled (bit 7 of
USB control register is set to “0”). In addition, no matter what
value is written to this register, it will have no effect on the set
value.
[USB Power Management Register] USBPM
The USB power management register is used for power manage-
ment in the USB FCU. This register needs to be set only when
using the remote wake-up to resume the MCU from suspend
mode.
USB address register (address 005016)
USBA
Programmable function address (FUNAD0 to 6))
This register maintains the 7-bit USB function control unit address
assigned by the host CPU.
Reserved bit (“0” at read/write)
b0
b7
0
USB power management register (address 005116)
USBPM
USB suspend detection flag (SUSPEND) (Read only)
0: No USB suspend detected
1: USB suspend detected
USB resume detection flag (RESUME) (Read only)
0: No USB resume signa detected
1: USB resume signal detected
USB remote wake-up bit (WAKEUP)
0: End of remote resume signal
1: Transmitting of remote resume signal (only when SUSPEND = “1”)
Reserved bit (“0” at read/write)
b0
b7
00000
Fig. 36 Structure of USB address register
Fig. 37 Structure of USB power management register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com