Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 21Page - Renesas Technology Corp 7643 Datasheet HTML 22Page - Renesas Technology Corp 7643 Datasheet HTML 23Page - Renesas Technology Corp 7643 Datasheet HTML 24Page - Renesas Technology Corp 7643 Datasheet HTML 25Page - Renesas Technology Corp 7643 Datasheet HTML 26Page - Renesas Technology Corp 7643 Datasheet HTML 27Page - Renesas Technology Corp 7643 Datasheet HTML 28Page - Renesas Technology Corp 7643 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 8 of 103
7643 Group
REJ09B0133-0200
OVERVIEW
GROUP EXPANSION
Renesas supports the 7643 group as follows.
Memory Type
Supports for mask ROM and flash memory versions.
Memory Size
ROM size ......................................................................... 32 Kbytes
RAM size ........................................................... 1024 to 2560 bytes
Memory Expansion
Fig. 5 Memory expansion
Currently supporting products are listed below.
As of Aug. 2006
Package
PRQP0080GB-A
PLQP0080KB-A
PRQP0080GB-A
PLQP0080KB-A
Part number
M37643M8-XXXFP
M37643M8-XXXHP
M37643F8FP
M37643F8HP
ROM size (bytes)
ROM size for User in ( )
32768 (32636)
RAM size
(bytes)
1024
Table 3 Support products
Mask ROM version
Remarks
Packages
PRQP0080GB-A ......................... 0.8 mm-pitch plastic molded QFP
PLQP0080KB-A ........................ 0.5 mm-pitch plastic molded LQFP
ROM
external
60 K
48 K
32 K
28 K
24 K
20 K
16 K
12 K
8 K
384
512
640
768
896 1024 1152 1280 1408 1536 2048 3072 4032
ROM size (bytes)
RAM size (bytes)
M37643M8
M37643F8
32768
2560
Flash memory version
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com