Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 44Page - Renesas Technology Corp 7643 Datasheet HTML 45Page - Renesas Technology Corp 7643 Datasheet HTML 46Page - Renesas Technology Corp 7643 Datasheet HTML 47Page - Renesas Technology Corp 7643 Datasheet HTML 48Page - Renesas Technology Corp 7643 Datasheet HTML 49Page - Renesas Technology Corp 7643 Datasheet HTML 50Page - Renesas Technology Corp 7643 Datasheet HTML 51Page - Renesas Technology Corp 7643 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 31 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
UART
Twelve serial data transfer formats can be selected, and the trans-
fer formats used by a transmitter and receiver must be identical.
The transmit and receive shift registers each have a buffer, but the
two buffers have the same address in a memory. Since the shift
register cannot be written to or read from directly, transmit data is
written to the transmit buffer register, and receive data is read
from the receive buffer register.
The transmit buffer register can also hold the next data to be
transmitted, and the receive buffer register can hold a character
while the next character is being received.
The transfer speed (baud rate) is expression as follows:
Transfer speed (baud rate) = fi / {(n + 1) ✕ 16 }
n: The contents of UART baud rate generator
fi: Using UART clock prescaling select bits, select any one of
φ, φ/8,
φ/32, φ/256
OER
PER
FER
003416
003516
Receive buffer register 1
Receive buffer register 2
Receive shift register 1
Receive shift register 2
Address 003016
UART mode register
UART control register
Address 003316
Receive buffer full flag (RBF)
Receive buffer full interrupt request (URBF)
Receive summing error interrupt request (UES)
SPdetector
UART character length select bits
7 bits
8 bits
9 bits
ST
detector
P85/URXD
P84/UTXD
Prescaler
1/1
1/8
1/32
1/256
Baud rate generator
ST/SP/PA generator
Clock control circuit
1/16
P86/CTS
RTS control register
P87/RTS
Frequency division
ratio 1/(n+1)
Addresses 003616
Addresses 003116
Character length select bit
Transmit shift register 1
Transmit shift register 2
Transmit buffer register 1
Transmit buffer register 2
Transmit comple flag
(TCM)
Transmit interrupt source select bit
Transmit interrupt
request (UTX)
Transmit buffer empty
flag (TBE)
UART status register
Data bus
Data bus
φ
UART clock
prescaling
select bits
003416
003516
Address 003216
Fig. 24 UART block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com