Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 70Page - Renesas Technology Corp 7643 Datasheet HTML 71Page - Renesas Technology Corp 7643 Datasheet HTML 72Page - Renesas Technology Corp 7643 Datasheet HTML 73Page - Renesas Technology Corp 7643 Datasheet HTML 74Page - Renesas Technology Corp 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp 7643 Datasheet HTML 77Page - Renesas Technology Corp 7643 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 57 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
FREQUENCY SYNTHESIZER (PLL)
The frequency synthesizer generates the 48 MHz clock required
by fUSB and fSYN, which are multiples of the external input refer-
ence f(XIN). Figure 51 shows the block diagram for the frequency
synthesizer circuit.
The Frequency Synthesizer Input Bit selects either f(XIN) or
f(XCIN) as an input clock fIN for the frequency synthesizer.
The Frequency Synthesizer Multiply Register 2 (FSM2: address
006E16) divides fIN to generate fPIN, where
fPIN = fIN / 2(n + 1), n: value set to FSM2.
When the value of Frequency Synthesizer Multiply Register 2 is
set to 255, the division is not performed and fPIN will equal fIN.
fVCO is generated according to the contents of Frequency Synthe-
sizer Multiply Register 1 (FSM1: address 006D16), where
fVCO = fPIN ✕ {2(n + 1)}, n: value set to FSM1.
Set the value of FSM1 so that the value of fVCO is 48 MHz.
fSYN is generated according to the contents of the Frequency Syn-
thesizer Divide Register (FSD: address 006F16), where
fSYN = fVCO / 2(m + 1), m: value set to FSD.
When the value of the Frequency Synthesizer Divide Register is
set to 255, the division is not performed and fSYN becomes invalid.
[Frequency Synthesizer Control Register] FSC
Setting the Frequency Synthesizer Enable Bit (FSE) to “1” enables
the frequency synthesizer. When the Frequency Synthesizer Lock
Status Bit (LS) is “1” in the frequency synthesizer enabled, this in-
dicates that fSYN and fVCO have correct frequencies.
sNotes
Make sure to connect a low-pulse filter to the LPF pin when using
the frequency synthesizer. In addition, please refer to “Program-
ming Notes: Frequency Synthesizer” when recovering from a
Hardware Reset.
FSM2
Data Bus
FSM1
FSC
Prescaler
fIN
fPIN
fVCO
fSYN
fUSB
(address 006E16)
(address 006D16)(address 006C16)(address 006F16)
FSD
Frequency
Multiplier
Frequency Divider
Fig. 51 Frequency synthesizer block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com