Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 75Page - Renesas Technology Corp 7643 Datasheet HTML 76Page - Renesas Technology Corp 7643 Datasheet HTML 77Page - Renesas Technology Corp 7643 Datasheet HTML 78Page - Renesas Technology Corp 7643 Datasheet HTML 79Page - Renesas Technology Corp 7643 Datasheet HTML 80Page - Renesas Technology Corp 7643 Datasheet HTML 81Page - Renesas Technology Corp 7643 Datasheet HTML 82Page - Renesas Technology Corp 7643 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 62 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
(5) Low power dissipation mode
• The low power dissipation operation can be realized by stopping
the main clock XIN when using f(XCIN) as the internal system
clock. To stop the main clock, set the Main Clock (XIN-XOUT)
Stop Bit of the CPU mode register A to “1”.
• The low power dissipation operation can be realized by disabling
the reversed amplifier when inputting external clocks to the XIN
pin or XCIN pin. To disable the reversed amplifier, set the XCOUT
Oscillation Drive Disable Bit (CCR5) or XOUT Oscillation Drive
Disable Bit (CCR6) of the clock control register to “1”.
Oscillation Control
(1) Stop mode
If the STP instruction is executed, the internal clock
φ stops at “H”
level, and XIN and XCIN oscillators stop. Then the timer 1 is set to
“FF16” and the internal clock
φ divided by 8 is automatically se-
lected as its count source. Additionally, the timer 2 is set to “0116”
and the timer 1’s output is automatically selected as its count
source.
Set the Timer 1 and Timer 2 Interrupt Enable Bits to disabled (“0”)
before executing the STP instruction. When using an external in-
terrupt to release the stop mode, set the Interrupt Enable Bit to be
used to enabled (“1”) and the Interrupt Disable Flag (I) to “0”.
Oscillator restarts at reset or when an external interrupt including
USB resume interrupts is received, but the internal clock
φ re-
mains at “H” until the timer 2 underflows. The internal clock
φ is
supplied for the first time when the timer 2 underflows. Therefore
make sure not to set the Timer 1 Interrupt Request Bit and Timer
2 Interrupt Request Bit to “1” before the STP instruction stops the
oscillator.
(2) Wait mode
If the WIT instruction is executed, the internal clock
φ stops at “H”
level, but the oscillator does not stop. The internal clock
φ restarts
at reset or when an interrupt is received. Since the oscillator does
not stop, normal operation can be started immediately after the in-
ternal clock
φ is restarted.
Set the Interrupt Enable Bit to be used to release the wait mode to
enabled (“1”) and the Interrupt Disable Flag (I) to “0”.
Fig. 58 Structure of clock control register
Clock control register (address 001F16)
CCR
Reserved bits (“0” at read/write)
Fix to “0”.
XCOUT oscillation drive disable bit (CCR5)
0: XCOUT oscillation drive is enabled.
(When XCIN oscillation is enabled.)
1: XCOUT oscillation drive is disabled.
XOUT oscillation drive disable bit (CCR6)
0: XOUT oscillation drive is enabled.
(When XIN oscillation is enabled.)
1: XOUT oscillation drive is disabled.
XIN divider select bit (CCR7)
Valid when CPMA6, CPMA7 = “00”
0: f(XIN)/2 is used for the system clock.
1: f(XIN) is used for the system clock.
b0
b7
000 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com