Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 50Page - Renesas Technology Corp 7643 Datasheet HTML 51Page - Renesas Technology Corp 7643 Datasheet HTML 52Page - Renesas Technology Corp 7643 Datasheet HTML 53Page - Renesas Technology Corp 7643 Datasheet HTML 54Page - Renesas Technology Corp 7643 Datasheet HTML 55Page - Renesas Technology Corp 7643 Datasheet HTML 56Page - Renesas Technology Corp 7643 Datasheet HTML 57Page - Renesas Technology Corp 7643 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 37 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
Fig. 29 DMACx (x = 0, 1) block diagram
DMAC
The 7643 group is equipped with 2 channels of DMAC (direct
memory access controller) which enable high speed data transfer
from a memory to a memory without use of the CPU.
The DMAC initiates the data transfer with an interrupt factor speci-
fied by the DMAC channel x (x = 0, 1) hardware transfer request
source bit (DxHR), or with a software trigger.
The DxTMS [DMA Channel x (x = 0, 1) Transfer Mode Selection
Bit] selects one of two transfer modes; cycle steal mode or burst
transfer mode. In the cycle steal mode, the DMAC transfers one
byte of data for each request. In the burst transfer mode, the
DMAC transfers the number of bytes data specified by the transfer
count register for each request. The count register is a 16-bit
counter; the maximum number of data is 65,536 bytes per one re-
quest.
Figure 29 shows the DMA control block diagram and Figure 30
shows the structure of DMAC related registers.
[DMAC Index and Status Register] DMAIS
The DMAC Index and Status Register consists of various control
bits for the DMAC and its status flags.
The DMA Channel Index Bit (DCI) selects which channel ( 0 or 1)
will be accessed, since the mode registers, source registers, des-
tination registers and transfer count register of both DMAC
channels share the same SFR addresses, respectively.
[DMAC Channel x (x = 0, 1) Mode Registers 1, 2] DMAxM1,
DMAxM2
The 16 bits of DMAC Channel x Mode Registers 1 and 2 control
each operation of DMAC channels 0 and 1.
When the DMAC Channel x (x = 0, 1) Write Bit (DxDWC) is “0”,
data is simultaneously written into each latch and register of the
Source Registers, Destination Register, and Transfer Count Reg-
isters. When this bit is “1”, data is written only into their latches.
When data is read from each register, it must be read from the
higher bytes first, then the lower bytes. When writing data, write to
the lower bytes first, then the higher bytes.
Interrupt:
UART receive, UART transmit,
Serial I/O, INT0
Signal:
EP (endpoint) 1 receive/transmit
EP (endpoint) 2 receive/transmit
EP1OUT FIFO data existing
Interrupt:
INT1, Timer 1
Signal:
EP (endpoint) 1 receive/transmit
EP (endpoint) 2 receive/transmit
EP1OUT FIFO data existing
Case of DMAC
channel 0
Case of DMAC
channel 1
DMAC channel X
Channel X timing
generator
Channel X transfer
source register
Channel X transfer
destination register
Channel X transfer count register
Interrupt
generator
DMACx
interrupt request
Address bus
DxCEN
DxCRR
DxSWT
DxHRS2
DxHRS1
DxHRS0
DxSRCE
DxSRID
DxRLD
DRLDD
DxDRCE
DxDRID
DxRLD
DRLDD
Interrupt disable flag (I flag)
Temporary register
Index status register
DxUF
DxDAUE
Mode 1
register
DxTMS
DTSC
Mode 2
register
Channel X transfer
source latch
Channel X transfer
destination latch
Channel X transfer count latch
DxDWC
DxDWC
DxDWC
Data
bus
Data
DxUF
DxSFI
15
0
15
0
15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com