Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 28Page - Renesas Technology Corp 7643 Datasheet HTML 29Page - Renesas Technology Corp 7643 Datasheet HTML 30Page - Renesas Technology Corp 7643 Datasheet HTML 31Page - Renesas Technology Corp 7643 Datasheet HTML 32Page - Renesas Technology Corp 7643 Datasheet HTML 33Page - Renesas Technology Corp 7643 Datasheet HTML 34Page - Renesas Technology Corp 7643 Datasheet HTML 35Page - Renesas Technology Corp 7643 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 15 of 103
7643 Group
REJ09B0133-0200
OVERVIEW
I/O PORTS
Direction Registers
The I/O ports P0–P8 have direction registers which determine the
input/output direction of each individual pin. Each bit in a direction
register corresponds to one pin, each pin can be set to be input port
or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin becomes
an output pin.
If data is read from a pin set to output, the value of the port output
latch is read, not the value of the pin itself. Pins set to input are float-
ing. If a pin set to input is written to, only the port output latch is
written to and the pin remains floating.
Slew Rate Control
By setting bits 0 to 5 of the port control register (address 001016) to
“1”, slew rate control is enabled. VIHL or CMOS level can be used as
a port P2 input level.
Pull-up Control
By setting the port P2 pull-up control register (address 001216), pull-
up of each pin of port P2 can be controlled with a program.
However, the contents of port P2 pull-up control register do not affect
ports programmed as the output ports but as the input ports.
Fig. 11 Structure of port control and port P2 pull-up control
registers
Port control register (address 001016)
PTC
Port P0 to P3 slew rate control bit (Note 1)
0: Disabled
1: Enabled
Port P4 slew rate control bit (Note 1)
0: Disabled
1: Enabled
Port P5 slew rate control bit (Note 1)
0: Disabled
1: Enabled
Port P6 slew rate control bit (Note 1)
0: Disabled
1: Enabled
Port P7 slew rate control bit (Note 1)
0: Disabled
1: Enabled
Port P8 slew rate control bit (Note 1)
0: Disabled
1: Enabled
Port P2 input level select bit
0: Reduced VIHL level input (Note 2)
1: CMOS level input
Reserved bit (“0” at read/write)
Notes 1: The slew rate function can reduce di/dt by modifying an internal
buffer structure.
2: The characteristics of VIHL level is basically the same as that of
TTL level. But, its switching center point is a little higher than
TTL’s. Refer to section “Recommended operating conditions”.
b0
b7
Port P2 pull-up control register
(address 001216) PUP2
b0
b7
Port P20 pull-up control bit
0: Disabled
1: Enabled
Port P21 pull-up control bit
0: Disabled
1: Enabled
Port P22 pull-up control bit
0: Disabled
1: Enabled
Port P23 pull-up control bit
0: Disabled
1: Enabled
Port P24 pull-up control bit
0: Disabled
1: Enabled
Port P25 pull-up control bit
0: Disabled
1: Enabled
Port P26 pull-up control bit
0: Disabled
1: Enabled
Port P27 pull-up control bit
0: Disabled
1: Enabled
0
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com