Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 49Page - Renesas Technology Corp 7643 Datasheet HTML 50Page - Renesas Technology Corp 7643 Datasheet HTML 51Page - Renesas Technology Corp 7643 Datasheet HTML 52Page - Renesas Technology Corp 7643 Datasheet HTML 53Page - Renesas Technology Corp 7643 Datasheet HTML 54Page - Renesas Technology Corp 7643 Datasheet HTML 55Page - Renesas Technology Corp 7643 Datasheet HTML 56Page - Renesas Technology Corp 7643 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 36 of 103
REJ09B0133-0200
OVERVIEW
FUNCTIONAL DESCRIPTION
7643 Group
Fig. 28 Structure of UART related registers
UART mode register (addresses 003016)
UMOD
b0
b7
UART control register (addresses 003316)
UCON
Transmit enable bit (TEN)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (REN)
0: Receive disabled
1: Receive enabled
Transmit initialization bit (TIN)
0: No action.
1: Initializing
Receive initialization bit (RIN)
0: No action.
1: Initializing
Transmit interrupt source select bit (TIS)
0: Interrupt when transmit buffer has emptied
1: Interrupt when transmit shift operation is completed
CTS function enable bit (CTS_SEL)
0: CTS function disabled
1: CTS function enabled
RTS function enable bit (RTS_SEL)
0: RTS function disabled
1: RTS function enabled
UART address mode enable bit (AME)
0: Address mode disabled
1: Address mode enabled
b0
b7
UART status register (addresses 003216)
USTS
Transmit complete flag (TCM)
0: Transmit shift in progress
1: Transmit shift completed
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Parity error flag (PER)
0: No error
1: Parity error
Framing error flag (FER)
0: No error
1: Framing error
Overrun error flag (OER)
0: No error
1: Overrun error
Summing error flag (SER)
0: (FER) U (OER) U (SER) = 0
1: (FER) U (OER) U (SER) = 1
Reserved bits (“0” at read/write)
b0
b7
UART RTS control register (addresses 003616)
URTSC
Reserved bits (“0” at read/write)
RTS assertion delay count select bits
b7 b6 b5 b4
0 0 0 0 : No delay; Assertion immediately
0 0 0 1 : 8-bit term assertion at “H”
0 0 1 0 : 16-bit term assertion at “H”
0 0 1 1 : 24-bit term assertion at “H”
0 1 0 0 : 32-bit term assertion at “H”
0 1 0 1 : 40-bit term assertion at “H”
0 1 1 0 : 48-bit term assertion at “H”
0 1 1 1 : 56-bit term assertion at “H”
1 0 0 0 : 64-bit term assertion at “H”
1 0 0 1 : 72-bit term assertion at “H”
1 0 1 0 : 80-bit term assertion at “H”
1 0 1 1 : 88-bit term assertion at “H”
1 1 0 0 : 96-bit term assertion at “H”
1 1 0 1 : 104-bit term assertion at “H”
1 1 1 0 : 112-bit term assertion at “H”
1 1 1 1 : 120-bit term assertion at “H”
b0
b7
0
0
0
0
0
Reserved bit (“0” at read/write)
UART clock prescaling select bits (PS)
Stop bit length select bit (STB)
0: 1 stop bit
1: 2 stop bits
Parity select bit (PMD)
0: Even parity
1: Odd parity
Parity enable bit (PEN)
0: Parity checking disabled
1: Parity checking enabled
UART character length select bit
b7b6
0 0: 7 bits
0 1: 8 bits
1 0: 9 bits
1 1: Not available
b2b1
0 0:
φ
0 1:
φ/8
1 0:
φ/32
1 1:
φ/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com