Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 106Page - Renesas Technology Corp 7643 Datasheet HTML 107Page - Renesas Technology Corp 7643 Datasheet HTML 108Page - Renesas Technology Corp 7643 Datasheet HTML 109Page - Renesas Technology Corp 7643 Datasheet HTML 110Page - Renesas Technology Corp 7643 Datasheet HTML 111Page - Renesas Technology Corp 7643 Datasheet HTML 112Page - Renesas Technology Corp 7643 Datasheet HTML 113Page - Renesas Technology Corp 7643 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 93 of 103
REJ09B0133-0200
OVERVIEW
FLASH MEMORY MODE
7643 Group
qID Code Check
This command checks the ID code. Execute the boot ID check
command as explained here following.
qID Code
When the flash memory is not blank, the ID code sent from the se-
rial programmer and the ID code written in the flash memory are
compared to see if they match. If the codes do not match, the
command sent from the serial programmer is not accepted. An ID
code contains 8 bits of data. Area is, from the 1st byte, addresses
FFC216 to FFC816. Write a program into the flash memory, which
already has the ID code set for these addresses.
Fig. 90 Timing for ID check
ID size
ID1
ID7
F516
C216
FF16
0016
SCLK
SRXD
STXD
SRDY (BUSY)
ROM code protect control
ID7
ID6
ID5
ID4
ID3
ID2
ID1
FFC916
FFC816
FFC716
FFC616
FFC516
FFC416
FFC316
FFC216
Address
Interrupt vector area
Fig. 91 ID code storage addresses
(1) Transfer the “F516” command code with the 1st byte.
(2) Transfer addresses AB0 to AB7, AB8 to AB15 and AB16 to AB23
(“0016”) of the 1st byte of the ID code with the 2nd and 3rd re-
spectively.
(3) Transfer the number of data sets of the ID code with the 5th
byte.
(4) Transfer the ID code with the 6th byte onward, starting with the
1st byte of the code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com