Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 112Page - Renesas Technology Corp 7643 Datasheet HTML 113Page - Renesas Technology Corp 7643 Datasheet HTML 114Page - Renesas Technology Corp 7643 Datasheet HTML 115Page - Renesas Technology Corp 7643 Datasheet HTML 116Page - Renesas Technology Corp 7643 Datasheet HTML 117Page - Renesas Technology Corp 7643 Datasheet HTML 118Page - Renesas Technology Corp 7643 Datasheet HTML 119Page - Renesas Technology Corp 7643 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 99 of 103
REJ09B0133-0200
OVERVIEW
7643 Group
USB
•When the USB Reset Interrupt Status Flag is kept at “1”, all other
flags in the USB internal registers (addresses 005016 to 005F16)
will return to their reset status. However, the following registers
are not affected by the USB reset: USB control register (address
001316), Frequency synthesizer control register (address
006C16), Clock control register (address 001F16), and USB end-
point-x FIFO register (addresses 006016 to 006216).
•When not using the USB function, set the USB Line Driver Supply
Enable Bit of the USB control register (address 001316) to “1” for
power supply to the internal circuits (at Vcc = 5V).
•The IN_PKT_RDY Bit can be set by software even when using
the AUTO_SET function.
•When writing to USB-related registers, set the USB Clock Enable
Bit to “1”, then perform the write after four
φ cycle waits.
•The receive buffer full interrupt request is not generated if receive
errors are detected at receiving.
•If a character bit length is 7 bits, bit 7 of the UART transmit/re-
ceive buffer register 1 and bits 0 to 7 of the UART transmit/
receive buffer register 2 are ignored at transmitting; they are in-
valid at receiving.
If a character bit length is 8 bits, bits 0 to 7 of the UART transmit/
receive buffer register 2 are ignored at transmitting; they are in-
valid at receiving.
If a character bit length is 9 bits, bits 1 to 7 of the UART transmit/
receive buffer register 2 are ignored at transmitting; they are “0”
at receiving.
•When using the MCU at Vcc = 3.3V, set the USB Line Driver Sup-
ply Enable Bit to “0” (line driver disable). Note that setting the
USB Line Driver Current Control Bit (USBC3) doesn’t affect the
USB operation.
•Read one packet data from the OUT FIFO before clearing the
OUT_PKT_RDY Flag. If the OUT_PKT_RDY Flag is cleared
while one packet data is being read, the internal read pointer can-
not operate normally.
•Use the transfer instructions such as LDA and STA to set the reg-
isters: USB interrupt status registers 1, 2 (addresses 005216,
005316); USB endpoint 0 IN control register (address 005916);
USB endpoint x IN control register (address 005916); USB end-
point x OUT control register (address 005A16). Do not use the
read-modify-write instructions such as the SEB or the CLB in-
struction.
When writing to bits shown by Table 15 using the transfer instruc-
tion such as LDA or STA, a value which never affect its bit state
is required. Take the following sequence to change these bits
contents:
(1) Store the register contents onto a variable or a data register.
(2) Change the target bit on the variable or the data register. Si-
multaneously mask the bit so that its bit state cannot be
changed. (See to Table 15.)
(3) Write the value from the variable or the data register to the
register using the transfer instruction such as LDA or STA.
•To use the AUTO_SET function for an IN transfer when the
AUTO_SET bit is set to 1, set the FIFO to single buffer mode.
Table 15 Bits of which state might be changed owing to software write
Register name
USB endpoint 0 IN control register
USB endpoint x (x = 1, 2) IN control register
USB endpoint x (x = 1, 2) OUT control register
Bit name
IN_PKT_RDY (b1)
DATA_END (b3)
FORCE_STALL (b4)
IN_PKT_RDY (b0)
OUT_PKT_RDY (b0)
FORCE_STALL (b4)
Value not affecting state (Note)
“0”
“0”
“1”
“0”
“1”
“1”
Note: Writing this value will not change the bit state, because this value cannot be written to the bit by software.
NOTES ON PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com