Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 147Page - Renesas Technology Corp 7643 Datasheet HTML 148Page - Renesas Technology Corp 7643 Datasheet HTML 149Page - Renesas Technology Corp 7643 Datasheet HTML 150Page - Renesas Technology Corp 7643 Datasheet HTML 151Page - Renesas Technology Corp 7643 Datasheet HTML 152Page - Renesas Technology Corp 7643 Datasheet HTML 153Page - Renesas Technology Corp 7643 Datasheet HTML 154Page - Renesas Technology Corp 7643 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 30 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.3 Serial I/O
Figure 2.3.11 shows the registers setting for the transmitter, and Figure 2.3.12 shows a setting of
serial I/O transmission data.
Fig. 2.3.11 Registers setting for transmitter
Fig. 2.3.12 Setting of serial I/O transmission data
SRDY output selected
STXD, SCLK output selected
0
Serial I/O interrupt request bit
IREQC
Interrupt request register C (Address : 0416)
Set P31 output level to “H”.
P3
Port P3 (Address : 0E16)
10
0
SIOCON1
Serial I/O control register 1 (Address : 2B16)
0
0
11
Internal synchronous clock :
φ/32
LSB first
Internal synchronous clock
0
b7
b0
1
b7
b0
b7
b0
STXD pin : CMOS output
Normal serial I/O mode
b7
b0
Serial I/O control register 2 (Address : 2C16)
SIOCON2
10
1
0
0
01
0
SRXD input enabled
Set P31 to output mode.
P3D
Port P3 direction register (Address : 0F16)
1
b7
b0
0
0
Serial I/O interrupt : Disabled
ICONC
Interrupt control register C (Address : 0716)
b7
b0
00 0
00
Set a transmission data.
Confirm that transmission of the previous data is
completed (Serial I/O interrupt request bit is “1”)
before writing data.
SIOSHT
Serial I/O shift register (Address : 2A16)
b7b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com