Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 321Page - Renesas Technology Corp 7643 Datasheet HTML 322Page - Renesas Technology Corp 7643 Datasheet HTML 323Page - Renesas Technology Corp 7643 Datasheet HTML 324Page - Renesas Technology Corp 7643 Datasheet HTML 325Page - Renesas Technology Corp 7643 Datasheet HTML 326Page - Renesas Technology Corp 7643 Datasheet HTML 327Page - Renesas Technology Corp 7643 Datasheet HTML 328Page - Renesas Technology Corp 7643 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 2 of 98
7643 Group
REJ09B0133-0200
APPENDIX
3.1 Electrical characteristics
Parameter
Power source voltage
Analog power source voltage AVcc, Ext.Cap
Input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87
Input voltage
RESET, XIN, XCIN
Input voltage
CNVSS
Mask ROM version
Flash memory version
Input voltage
USB D+, USB D–
Output voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P44, P50–P57,
P60–P67, P70–P74, P80–P87,
XOUT, XCOUT, LPF
Output voltage
USB D+, USB D–, Ext. Cap
Power dissipation (Note)
Operating temperature
Storage temperature
Symbol
VCC
AVCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Conditions
Ratings
–0.3 to 6.5
–0.3 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to Vcc + 0.3
–0.3 to 6.5
–0.5 to 3.8
–0.3 to VCC+0.3
Unit
V
V
V
V
V
V
V
V
All voltages are based on
Vss. Output transistors
are cut off.
Ta = 25°C
–0.5 to 3.8
750
–20 to 70
–40 to 125
V
mW
°C
°C
Note: The maximum power dissipation depends on the MCU’s power dissipation and the specific heat consumption of the package.
3.1 Electrical characteristics
3.1.1 Absolute maximum ratings
Table 3.1.1 Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com