Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 98Page - Renesas Technology Corp 7540 Datasheet HTML 99Page - Renesas Technology Corp 7540 Datasheet HTML 100Page - Renesas Technology Corp 7540 Datasheet HTML 101Page - Renesas Technology Corp 7540 Datasheet HTML 102Page - Renesas Technology Corp 7540 Datasheet HTML 103Page - Renesas Technology Corp 7540 Datasheet HTML 104Page - Renesas Technology Corp 7540 Datasheet HTML 105Page - Renesas Technology Corp 7540 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 366 page
background image
2-26
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.2 Timer A
Fig. 2.2.17 Setting method for event counter mode (1)
2.2.5 Event counter mode
(1) Operation description
Timer A counts signals input from the P00/CNTR1 pin.
Except for this, the operation in event counter mode is the same as in timer mode.
The active edge of CNTR1 pin input signal can be selected from rising or falling by the CNTR1 active
edge switch bit.
Timer A can stop counting by setting “1” to the timer A count stop bit.
Also, when Timer A underflows, the timer A interrupt request bit is set to “1”.
(2) Event counter mode setting method
Figure 2.2.17 and Figure 2.2.18 show the setting method for event counter mode of timer A.
b7b0
0
b7b0
0
11
b7
b0
b7b0
0
b7b0
0
Process 1: Disable timer A interrupt and CNTR1 interrupt.
Interrupt control register 1 (ICON1) [Address 3E16]
CNTR1 interrupt disabled
Port P0 direction register (P0D) [Address 0116]
Set the P00/CNTR1 pin to the input mode
Process 2: Set the CNTR1 pin to the input mode.
Interrupt control register 2 (ICON2) [Address 3F16]
Timer A interrupt disabled
Process 3: Set pull-up control register.
Pull-up control register (PULL) [Address 1616]
P00/CNTR1 pull-up control bit
0: Pull-up Off
1: Pull-up On
Process 4: Set timer A mode register.
Timer A mode register (TAM) [Address 1D16]
Event counter mode
CNTR1 active edge selected
0: Rising period measured
Falling edge active for CNTR1 interrupt
1: Falling period measured
Rising edge active for CNTR1 interrupt
Timer A count stop
Process 5: Set the count value to timer A (Note).
• Set the count value to timer A (low-order)
Timer A (low-order) (TAL) (Address 1E16)
Count value
Timer A (high-order) (TAH) (Address 1F16)
Note: Write both registers in order of timer X (low-order) and the timer X (high-order) following, certainly.
Count value
• Set the count value to timer A (high-order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com