Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 100Page - Renesas Technology Corp 7540 Datasheet HTML 101Page - Renesas Technology Corp 7540 Datasheet HTML 102Page - Renesas Technology Corp 7540 Datasheet HTML 103Page - Renesas Technology Corp 7540 Datasheet HTML 104Page - Renesas Technology Corp 7540 Datasheet HTML 105Page - Renesas Technology Corp 7540 Datasheet HTML 106Page - Renesas Technology Corp 7540 Datasheet HTML 107Page - Renesas Technology Corp 7540 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 366 page
background image
2-28
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.2 Timer A
(3) Application example of event counter mode
Outline: The frequency of the pulse which is input to the P00/CNTR1 pin (“H” active) is measured by
the number of events in a certain period.
Specifications: The count source of timer A is input from the P00/CNTR1 pin, and the timer A starts
counting the count source. Clock (f(XIN) = 8 MHz) is divided by timer X to detect 1
ms. The frequency of the pulse input to the P00/CNTR1 pin is calculated by the
number of events counted within 1 ms.
Operation clock: f(XIN) = 8 MHz, high-speed mode
Figure 2.2.19 shows an example of measurement method of frequency, and Figure 2.2.20 shows an
example of control procedure.
Fig. 2.2.19 Example of measurement method of frequency
Notes 1: Counted at falling edge.
2: Frequency of pulse input from P00/CNTR1 pin:
Timer X interrupt processing routine
• Timer A, Timer X count stop
• Timer A read
• Timer A, Timer X set again
• Timer A, Timer X count restart
P00/CNTR1 pin input
Timer X interrupt request bit
1ms
Counted by Timer A (Note 1)
X times (Note 2)
Timer A, Timer X
count start
kHz
X times
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com