Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 104Page - Renesas Technology Corp 7540 Datasheet HTML 105Page - Renesas Technology Corp 7540 Datasheet HTML 106Page - Renesas Technology Corp 7540 Datasheet HTML 107Page - Renesas Technology Corp 7540 Datasheet HTML 108Page - Renesas Technology Corp 7540 Datasheet HTML 109Page - Renesas Technology Corp 7540 Datasheet HTML 110Page - Renesas Technology Corp 7540 Datasheet HTML 111Page - Renesas Technology Corp 7540 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 366 page
background image
2-32
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.2 Timer A
(3) Application example of pulse width HL continuously measurement mode
Outline: A telephone ringing (calling) pulse* is detected by using the pulse width HL continuously
measurement mode.
* Signal which is sent by turning on/off (make/break) the telephone line.
Each country has a different standard. In this case, Japanese domestic standard is adopted as an
example.
Specifications: Whether a telephone call exists or not is judged by measuring a pulse width output
from the ringing signal detection circuit.
f(XIN)/16 (f(XIN) = 6.4 MHz) is used as the count source, and “H” and “L” pulse width
of the ringing pulse are measured by using the pulse width HL continuously measurement
mode. When the following conditions are satisfied, it is recognized as a normal
value. When the following conditions are not satisfied, it is recognized as an unusual
value.
200 ms
≤ “H” pulse width of ringing pulse < 1.2 s
600 ms
≤ “L” pulse width of ringing pulse < 2.2 s
1.0 s
≤ one period (“H” pulse width + “L” pulse width) < 3.0 s
Operation clock: f(XIN) = 6.4 MHz, high-speed mode
Figure 2.2.23 shows an example of a peripheral circuit, and Figure 2.2.24 shows an operation timing
when a ringing pulse is input. Figures 2.2.25 and 2.2.26 show an example of control procedure.
Fig. 2.2.23 Example of peripheral circuit
7540 Group
P00/CNTR1
Ringing pulse
detection circuit
Telephone line
Fig. 2.2.24 Operation timing when ringing pulse is input
Input signal to
P00/CNTR1 pin
Timer A value
Timer A
interrupt
request
CNTR1
interrupt
request
“H” width measurement end
4 to 23
interrupts
occur
12 to 43
interrupts
occur
1 period
20 to 59
interrupts
occur
(1.0 s to 3.0 s)
Ringing duration
(200 ms to 1.2 s)
No ringing
duration
(600 ms to 2.2 s)
q When a normal-range ringing pulse is input
Reload
Reload
“L” width measurement end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com