Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 109Page - Renesas Technology Corp 7540 Datasheet HTML 110Page - Renesas Technology Corp 7540 Datasheet HTML 111Page - Renesas Technology Corp 7540 Datasheet HTML 112Page - Renesas Technology Corp 7540 Datasheet HTML 113Page - Renesas Technology Corp 7540 Datasheet HTML 114Page - Renesas Technology Corp 7540 Datasheet HTML 115Page - Renesas Technology Corp 7540 Datasheet HTML 116Page - Renesas Technology Corp 7540 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 366 page
background image
2-37
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.3 Timer 1
Fig. 2.3.3 Structure of Timer 1
Timer 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
0
0
0
0
0
0
0
Timer 1 (T1) [Address : 29 16]
•Set a count value of timer 1.
•The value set in this register is written to both timer 1 and timer 1
latch at the same time.
•When this register is read out, the timer 1’s count value is read
out.
Fig. 2.3.4 Structure of MISRG
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
MISRG [Address : 3816]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
MISRG
Oscillation stabilization time
set bit after release of the
STP instruction
0
0 : Set “0116” in timer 1, and
“FF16” in prescaler 1
automatically
1 : Not set automatically
These are reserved bits.
Do not write “1” to these bits.
0
0
(Note)
✕
✕
✕
✕
✕
0 : Oscillation stop not detected
1 : Oscillation stop detected
Ceramic or RC oscillation stop
detection function active bit
0 : Detection function inactive
1 : Detection function active
Oscillation stop detection
status bit
Note: “0” at normal reset
“1” at reset by detecting the oscillation stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com