Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 111Page - Renesas Technology Corp 7540 Datasheet HTML 112Page - Renesas Technology Corp 7540 Datasheet HTML 113Page - Renesas Technology Corp 7540 Datasheet HTML 114Page - Renesas Technology Corp 7540 Datasheet HTML 115Page - Renesas Technology Corp 7540 Datasheet HTML 116Page - Renesas Technology Corp 7540 Datasheet HTML 117Page - Renesas Technology Corp 7540 Datasheet HTML 118Page - Renesas Technology Corp 7540 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 366 page
background image
2-39
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.3 Timer 1
2.3.3 Timer 1 operation description
Timer 1 always operates in the timer mode.
Prescaler 1 counts the selected count source. Each time the count clock is input, the contents of Prescaler
1 is decremented by 1.
When the contents of Prescaler 1 reach “0016”, an underflow occurs at the next count clock, and the
prescaler 1 latch is reloaded into Prescaler 1 and count continues. The division ratio of Prescaler 1 is 1/
(n+1) provided that the value of Prescaler 1 is n.
The contents of Timer 1 is decremented by 1 each time the underflow signal of Prescaler 1 is input. When
the contents of Timer 1 reach “0016”, an underflow occurs at the next count clock, and the timer 1 latch
is reloaded into Timer 1 and count continues. The division ratio of Timer 1 is 1/(m+1) provided that the
value of Timer 1 is m. Accordingly, the division ratio of Prescaler 1 and Timer 1 is provided as follows that
the value of Prescaler 1 is n and the value of Timer 1 is m.
Timer 1 cannot stop counting by software.
Also, when timer 1 underflows, the timer 1 interrupt request bit is set to “1”.
2.3.4 Notes on timer 1
Note on using timer 1 is described below.
(1) Notes on set of the oscillation stabilizing time
Timer 1 can be used to set the oscillation stabilizing time after release of the STP instruction. The
oscillation stabilizing time after release of STP instruction can be selected from “set automatically”/
“not set automatically” by the oscillation stabilizing time set bit after release of the STP instruction
of MISRG. When “0” is set to this bit, “0116” is set to timer 1 and “FF16” is set to prescaler 1
automatically. When “1” is set to this bit, nothing is set to timer 1 and prescaler 1. Therefore, set the
wait time according to the oscillation stabilizing time of the oscillation. Also, when timer 1 is used,
set values again to timer 1 and prescaler 1 after system is returned from the stop mode.
Division ratio =
1
(n+1) ✕ (m+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com