Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 151Page - Renesas Technology Corp 7540 Datasheet HTML 152Page - Renesas Technology Corp 7540 Datasheet HTML 153Page - Renesas Technology Corp 7540 Datasheet HTML 154Page - Renesas Technology Corp 7540 Datasheet HTML 155Page - Renesas Technology Corp 7540 Datasheet HTML 156Page - Renesas Technology Corp 7540 Datasheet HTML 157Page - Renesas Technology Corp 7540 Datasheet HTML 158Page - Renesas Technology Corp 7540 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 366 page
background image
2-79
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
Fig. 2.5.23 Timing diagram of programmable waveform generation mode
Timer Y
primary
reload
Contents of timer Y
TYOUT pin output
Timer Y count clock
Timer Y count stop bit
Timer Y interrupt request bit
Timer Y output level latch
“0” is written
Count start
0216
0316
0116 0016 0216 0116 0016
0316
0216 0116 0016 0216 0116
q When “0316” is set to TYP and “0216” is set to TYS.
Underflow
Underflow
Underflow
Timer Y
secondary
reload
Secondary waveform extension
(Note 2)
(Note 2)(Note 2)
Initialized to “L”
Waveform output start
Notes 1: In this case, timer Y primary waveform is not extended, timer Y secondary waveform is extended.
2: In this time, “0” is written to the timer Y interrupt request bit or the timer Y interrupt request bit
is cleared to “0” by accepting the timer Y interrupt request.
Timer Y
secondary
reload
(Note 1)
“0” is written
Waveform output inverted
Waveform output inverted
Waveform output inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com