Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 148Page - Renesas Technology Corp 7540 Datasheet HTML 149Page - Renesas Technology Corp 7540 Datasheet HTML 150Page - Renesas Technology Corp 7540 Datasheet HTML 151Page - Renesas Technology Corp 7540 Datasheet HTML 152Page - Renesas Technology Corp 7540 Datasheet HTML 153Page - Renesas Technology Corp 7540 Datasheet HTML 154Page - Renesas Technology Corp 7540 Datasheet HTML 155Page - Renesas Technology Corp 7540 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 366 page
background image
2-76
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Fig. 2.5.22 Example of control procedure
“FF16”
“FF16”
0
1
1
10
0
1
00
0
0
1
10
1
0
0
“C716”
“F916”
0
0
0
END
0
1
1
10
1
0
0
RTI
1
1
1
Flow rate measuring routine
Timer Y interrupt processing routine
(Prescaler X setting value “FF16” timer X setting
value “FF16”) – (Prescaler X count value, timer X
count value)
← The numbeer of event within 100 ms
TXM(Address 2B16)
TCSS(Address 2E16)
Timer Y count source:
f(XIN)/16 selected
Timer Y
division
ratio
Timer Y
primary
setting
value
Event counter mode
Count at falling edge
Timer X count stop
Set timer X mode register
Set “0” to the CNTR0 interrupt enable bit.
(CNTR0 interrupt disabled)
Set “0” to the timer X interrupt enable bit.
(Timer X interrupt disabled)
Set “0” to the timer Y interrupt enable bit.
(Timer Y interrupt disabled)
Note : 100 ms = 1/8 MHz ✕ 16 ✕ (C716 + 1) ✕ (F916 + 1)
Prescaler X (Address 2C16)
Set value to timer X
Timer X (Address 2D16)
Set timer count source set register
Prescaler Y
setting
value
TYZM(Address 2016)
Set timer Y, Z mode register
Timer mode
W ritin g to la tch a n d tim e r sim u lta n e o u sly
Timer Y count stop
Set value to timer Y (Note)
Prescaler Y (Address 2116)
Timer Y primary (Address 2316)
Set “1” to the timer Y interrupt enable bit.
(Timer Y interrupt enabled)
Set “0” to the timer Y interrupt request bit.
TXM(Address 2B16)
Timer X count start
Set timer X mode register
TYZM(Address 2016)
Set timer Y, Z mode register
Timer Y count start
TXM(Address 2B16)
Timer X count stop
Set timer X mode register
TYZM(Address 2016)
Set timer Y, Z mode register
Timer Y count stop
Set port P14 to the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com