Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 145Page - Renesas Technology Corp 7540 Datasheet HTML 146Page - Renesas Technology Corp 7540 Datasheet HTML 147Page - Renesas Technology Corp 7540 Datasheet HTML 148Page - Renesas Technology Corp 7540 Datasheet HTML 149Page - Renesas Technology Corp 7540 Datasheet HTML 150Page - Renesas Technology Corp 7540 Datasheet HTML 151Page - Renesas Technology Corp 7540 Datasheet HTML 152Page - Renesas Technology Corp 7540 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 366 page
background image
2-73
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
2.5.3 Timer mode (timer Y and timer Z)
The basic operation of Timer Y and Timer Z are the same. In this section, Timer Y is explained.
(1) Operation description
Prescaler Y counts the count source selected by the timer Y count source selection bits. Each time
the count clock is input, the contents of Prescaler Y is decremented by 1.
When the contents of Prescaler Y reach “0016”, an underflow occurs at the next count clock, and the
prescaler Y latch is reloaded into Prescaler Y and count continues. The division ratio of Prescaler
Y is 1/(n+1) provided that the value of Prescaler Y is n.
The contents of Timer Y is decremented by 1 each time the underflow signal of Prescaler Y is input.
When the contents of Timer Y reach “0016”, an underflow occurs at the next count clock, and the
timer Y primary latch is reloaded into Timer Y and count continues.
(In the timer mode, the contents of timer Y primary latch is counted. Timer Y secondary latch is not
used in this mode.)
The division ratio of Timer Y is 1/(m+1) provided that the value of Timer Y is m. Accordingly, the
division ratio of Prescaler Y and Timer Y is provided as follows that the value of Prescaler Y is n
and the value of Timer Y is m.
In the timer mode, writing to “latch only” or “latches and Prescaler Y and timer Y primary” can be
selected by the setting value of the timer Y write control bit.
Timer Y can stop counting by setting “1” to the timer Y count stop bit.
Also, when timer Y underflows, the timer Y interrupt request bit is set to “1”.
Timer Y reloads the value of latch when counting is stopped by the timer count stop bit.
(When timer is read out while timer is stopped, the value of latch is read. The value of timer can be
read out only while timer is operating.)
(2) Timer mode setting method
Figure 2.5.19 shows the setting method for timer mode of Timer Y.
When Timer Z is used, registers are set by the same method.
Division ratio =
1
(n+1) ✕ (m+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com