Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 146Page - Renesas Technology Corp 7540 Datasheet HTML 147Page - Renesas Technology Corp 7540 Datasheet HTML 148Page - Renesas Technology Corp 7540 Datasheet HTML 149Page - Renesas Technology Corp 7540 Datasheet HTML 150Page - Renesas Technology Corp 7540 Datasheet HTML 151Page - Renesas Technology Corp 7540 Datasheet HTML 152Page - Renesas Technology Corp 7540 Datasheet HTML 153Page - Renesas Technology Corp 7540 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 366 page
background image
2-74
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Fig. 2.5.19 Setting method for timer mode
b7b0
1
0
b7b0
b7
b0
00
Notes 1: For timer Z, f(XIN), f(XIN)/2, or timer Y underflow can be selected.
2: Set the on-chip oscillator oscillation to be enabled by bit 3 (on-chip oscillator
oscillation control bit) of CPU mode register.
b7b0
0
0
Note: In the timer mode, the timer Y secondary is not used.
b7
b0
1
b7b0
0
Process 1: Disable timer Y interrupt.
Process 2: Set timer Y, Z mode register.
Timer Y, Z mode register (TYZM) [Address 2016]
Process 4: Set the count value to timer Y.
• Set the count value to prescaler Y and timer Y primary
Count value
Timer Y primary (TYP) (Address 2316)
Process 5: In order not to execute the no requested interrupt processing,
set “0” (no requested) to the timer Y interrupt request bit.
Timer mode
Timer Y write control bit
0: Write to latch and timer simultaneously
1: Write to only latch
Timer Y count stop
Count value
Interrupt control register 2 (ICON2) [Address 3F16]
Timer Y interrupt disabled
Interrupt request register 2 (IREQ2) [Address 3D16]
Process 6: When timer Y interrupt is used, set “1” (interrupt enabled)
to the timer Y interrupt enable bit.
No timer Y interrupt request issued
Interrupt control register 2 (ICON2) [Address 3F16]
Timer Y interrupt enabled
Timer Y, Z mode register (TYZM) [Address 2016]
Timer Y count start
Process 7: Start counting of timer Y.
Process 3: Set timer Y count source (Note 1)
Timer count source set register (TCSS) [Address 2E16]
Timer Y count source selection bits
b3 b2
0 0 : f(XIN)/16
0 1 : f(XIN)/2
1 0 : On-chip oscillator output (Note 2)
1 1 : Not available
Prescaler Y (PREY) (Address 2116)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com