Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 354Page - Renesas Technology Corp SH7713 Datasheet HTML 355Page - Renesas Technology Corp SH7713 Datasheet HTML 356Page - Renesas Technology Corp SH7713 Datasheet HTML 357Page - Renesas Technology Corp SH7713 Datasheet HTML 358Page - Renesas Technology Corp SH7713 Datasheet HTML 359Page - Renesas Technology Corp SH7713 Datasheet HTML 360Page - Renesas Technology Corp SH7713 Datasheet HTML 361Page - Renesas Technology Corp SH7713 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 318 of 860
REJ09B0288-0150
Mode
FRQCR
Value
PLL
Circuit 1
PLL
Circuit 2
Clock
Ratio*
(I:B:P)
Frequency Range of
Input Clock and
Crystal Resonator
Frequency Range of
CKIO Pin
1104
On (x2)
On (x1)
2:1:1/3
33.34 MHz to
48.00 MHz
33.34 MHz to 48.00
MHz
4
1204
On (x3)
On (x1)
3:1:1/2
33.34 MHz to
48.00 MHz
33.34 MHz to 48.00
MHz
1001
On (x1)
On (x2)
2:2:1
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1002
On (x1)
On (x2)
2:2:2/3
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1003
On (x1)
On (x2)
2:2:1/2
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1103
On (x2)
On (x2)
4:2:1
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1104
On (x2)
On (x2)
4:2:2/3
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
5
1204
On (x3)
On (x2)
6:2:1
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1001
On (x1)
On (x2)
2:2:1
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1002
On (x1)
On (x2)
2:2:2/3
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1003
On (x1)
On (x2)
2:2:1/2
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1103
On (x2)
On (x2)
4:2:1
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1104
On (x2)
On (x2)
4:2:2/3
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
6
1204
On (x3)
On (x2)
6:2:1
16.67 MHz to
33.34 MHz
33.34 MHz to 66.67
MHz
1001
On (x1)
Off
1:1:1/2
33.34 MHz to
66.67 MHz
33.34 MHz to 66.67
MHz
1002
On (x1)
Off
1:1:1/3
33.34 MHz to
66.67 MHz
33.34 MHz to 66.67
MHz
7
1003
On (x1)
Off
1:1:1/4
33.34 MHz to
66.67 MHz
33.34 MHz to 66.67
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com